Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUL128D Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BUL128D
Description  Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUL128D Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BUL128D Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUL128D Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Silicon NPN Power Transistor
BUL128D
www.iscsemi.com
1
EATURES
·
Collector–Emitter Sustaining Voltage
: VCEO(SUS) = 400V(Min.)
·
Low Collector Saturation Voltage
: VCE(sat) = 0.7V(Max) @ IC= 0.5A
·
Very High Switching Speed
DESCRIPTION
·
Designed for use in lighting applications and low cost
switch-mode power supplies.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
VCES
Collector-Emitter Voltage
700
V
VCEO
Collector-Emitter Voltage
400
V
VEBO
Emitter-Base Voltage
9
V
IC
Collector Current-Continuous
4
A
ICM
Collector Current-peak tp<5ms
8
A
IB
Base Current-Continuous
2
A
IBM
Base Current-peak tp<5ms
4
A
PC
Collector Power Dissipation
TC=25℃
70
W
Ti
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-65~150
℃
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.78
℃
/W
Rth j-A
Thermal Resistance,Junction to Ambient
62.5
℃
/W


Similar Part No. - BUL128D

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
BUL128D TGS-BUL128D Datasheet
65Kb / 1P
HIGH VOLTAGE FAST-SWITCHINGNPN POWER TRANSISTOR
logo
STMicroelectronics
BUL128D-B STMICROELECTRONICS-BUL128D-B Datasheet
72Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Nov-1998
BUL128D-B STMICROELECTRONICS-BUL128D-B Datasheet
228Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
15-Feb-2005
BUL128D-B STMICROELECTRONICS-BUL128D-B_05 Datasheet
228Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
15-Feb-2005
logo
Inchange Semiconductor ...
BUL128DB ISC-BUL128DB Datasheet
193Kb / 2P
isc Silicon NPN Power Transistor
More results

Similar Description - BUL128D

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MRF342 ASI-MRF342 Datasheet
145Kb / 1P
SILICON POWER NPN TRANSISTOR
logo
NEC
2SC2333 NEC-2SC2333 Datasheet
167Kb / 3P
NPN Silicon Power Transistor
logo
Continental Device Indi...
C13003 CDIL-C13003 Datasheet
160Kb / 4P
NPN SILICON POWER TRANSISTOR
CFC4662 CDIL-CFC4662 Datasheet
106Kb / 3P
NPN SILICON POWER TRANSISTOR
logo
Bourns Electronic Solut...
BUT11 BOURNS-BUT11 Datasheet
128Kb / 5P
NPN SILICON POWER TRANSISTOR
BUX84 BOURNS-BUX84 Datasheet
125Kb / 6P
NPN SILICON POWER TRANSISTOR
logo
Microsemi Corporation
2N2880 MICROSEMI-2N2880_1 Datasheet
45Kb / 2P
NPN POWER SILICON TRANSISTOR
2N5002 MICROSEMI-2N5002 Datasheet
58Kb / 2P
NPN POWER SILICON TRANSISTOR
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
Kwang Myoung I.S. CO.,L...
TIP35CF KISEMICONDUCTOR-TIP35CF Datasheet
5Mb / 2P
Silicon NPN Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com