Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALVD Datasheet(PDF) 1 Page - Abracon Corporation

Part # ALVD
Description  CERAMIC SMD CRYSTAL CLOCK OSCILLATOR WITH VOLTAGE CONTROL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ALVD Datasheet(HTML) 1 Page - Abracon Corporation

  ALVD Datasheet HTML 1Page - Abracon Corporation ALVD Datasheet HTML 2Page - Abracon Corporation ALVD Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ALVD
|||||||||||||||
WITH VOLTAGE CONTROL
STANDARD SPECIFICATIONS:
APPLICATIONS:
• SONET, xDSL
• SDH, CPE
• STB
FEATURES:
• Based on a proprietary digital multiplier
• Tri-State Output
• Low Phase Jitter
• 2.5V to 3.3V +/- 5% operation
• Ceramic SMD, low profile package
7.0 x 5.0 x 1.8mm
Pb RoHS
Compliant
PARAMETERS
Frequency Range
750 KHz to 800 MHz
Storage Temperature
-55°C to +125°C
Overall Frequency Stability
±50 PPM max. (see options)
Operating Temperature
0°C to +70°C (see options)
0.3VDC min, 1.65VDC typ, 3.0 VDC max.
3.3V ± 10%
40/60% max.
See options (PECL, CMOS, or LVDS)
Voltage Control (Vcc)
± 50ppm (see option)
Supply Voltage (Vdd)
Output Level
Aging per year
RMS Phase Jitter
Pullability
Tristate Function
Period Jitter (peak to peak)
Phase Noise
±5 ppm max.
Symmetry at 1/2 Vdd
ABRACON P/N
ALVD Series
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
3ps typical, 5ps max. (12KHz~20MHz)
35 ps typical
-112 dBc/Hz @ 1kHz Offset from 155.52MHz
-125 dBc/Hz @ 10kHz Offset from 155.52MHz
-123 dBc/Hz @ 100KHz Offset from 155.52MHz
-109 dBc/Hz @ 1kHz Offset from 622.08MHz
-110 dBc/Hz @ 10kHz Offset from 622.08MHz
-109 dBc/Hz @ 100KHz Offset from 622.08MHz
"1" (VIH>= 0.7* Vdd) or open: Oscillation
"0" (VIL < 0.3* Vdd) : Hi Z
PECL:
CMOS:
Supply current DD):25mA max (for Fo<24MHz),65mA max (for 24MHz<Fo<96MHz),100mA max (96MHz<Fo<700MHz)
Output Logic High: Vdd-1.025V min, Vdd-0.880V max.
Output Logic Low: Vdd-1.810V min. Vdd-1.620V max.
Symmetry (Duty Cycle): 45% min, 50% typ, 55% max,
Rise time: 0.6nSec typ,1.5nS max
Fall time: 0.6nSec typ, 1.5nS max
Supply current(IDD):15mA max (for Fo<24MHz),30mA max (for 24MHz<Fo<96MHz), 40mA max (96MHz<Fo<700MHz)
Output Clock Rise/ Fall Time [10%~90% VDD with 10pF load]: 1.2ns typ, 1.6ns max.
Output Clock Duty Cycle [Measured @ 50% VDD]: 45% min, 50% typical, 55% max
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 07.11.07
Visit www.abracon.com for Terms & Conditions of Sale


Similar Part No. - ALVD

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
ALV MSYSTEM-ALV Datasheet
135Kb / 4P
Limit Alarms (rotary switch adj.) AL-UNIT
ALV-011- MSYSTEM-ALV-011- Datasheet
135Kb / 4P
Limit Alarms (rotary switch adj.) AL-UNIT
ALV-011-/Q MSYSTEM-ALV-011-/Q Datasheet
135Kb / 4P
Limit Alarms (rotary switch adj.) AL-UNIT
ALV-011-B MSYSTEM-ALV-011-B Datasheet
135Kb / 4P
Limit Alarms (rotary switch adj.) AL-UNIT
ALV-011-B/Q MSYSTEM-ALV-011-B/Q Datasheet
135Kb / 4P
Limit Alarms (rotary switch adj.) AL-UNIT
More results

Similar Description - ALVD

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABFM ABRACON-ABFM Datasheet
458Kb / 3P
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
07.05.07
ABNM ABRACON-ABNM Datasheet
292Kb / 2P
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR WITH VOLTAGE CONTROL
ABVFM ABRACON-ABVFM Datasheet
1Mb / 2P
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR WITH VOLTAGE CONTROL
APVV ABRACON-APVV Datasheet
795Kb / 2P
CERAMIC SMD VOLTAGE CONTROL CRYSTAL OSCILLATOR
ASPE ABRACON-ASPE Datasheet
267Kb / 1P
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR WITH VOLTAGE CONTROL
ALD ABRACON-ALD Datasheet
312Kb / 2P
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
APV ABRACON-APV Datasheet
755Kb / 2P
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
ABFM ABRACON-ABFM_08 Datasheet
469Kb / 3P
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
04.09.08
ALD ABRACON-ALD_2 Datasheet
312Kb / 2P
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
logo
TEMEX
RVX5032P TEMEX-RVX5032P Datasheet
621Kb / 8P
SMD Voltage Control Crystal Oscillator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com