Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3435 Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP3435
Description  19A, 600kHz, 22V Output Range, Synchronous Boost Converter with Input Disconnect Function
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3435 Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP3435 Datasheet HTML 17Page - Monolithic Power Systems MP3435 Datasheet HTML 18Page - Monolithic Power Systems MP3435 Datasheet HTML 19Page - Monolithic Power Systems MP3435 Datasheet HTML 20Page - Monolithic Power Systems MP3435 Datasheet HTML 21Page - Monolithic Power Systems MP3435 Datasheet HTML 22Page - Monolithic Power Systems MP3435 Datasheet HTML 23Page - Monolithic Power Systems MP3435 Datasheet HTML 24Page - Monolithic Power Systems MP3435 Datasheet HTML 25Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
MP3435 – 19A, 600kHz, 22V SYNCHRONOUS BOOST WITH INPUT DISCONNECT
MP3435 Rev. 1.0
MonolithicPower.com
21
11/30/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
There is also a right half-plane zero (FRHPZ) that
exists in continuous conduction mode (CCM),
where IL does not drop to zero in each cycle.
FRHPZ can be calculated using Equation (12):
=
 
2
LOAD
IN
RHPZ
OUT
R
V
F
(
) (Hz)
2
L
V
(12)
FRHPZ increases the gain and reduces the phase
simultaneously, resulting in a smaller phase
and gain margin. The worst-case condition
occurs when VIN is at its minimum and the
output power is at its maximum. See the Typical
Application Circuits section on page 23 for
compensation recommendations.
Design Example
Table 3 shows a design example following the
application guidelines for the specifications
below.
Table 3: Design Example
VIN
VOUT
IOUT
3V to 10V
12V
0A to 2A
The maximum output current is determined by
the allowable temperature rise, ICL, and VIN.
Figure 6 and Figure 7 on page 23 show the
detailed application schematics. The typical
performance and circuit waveforms are shown
in the Typical Performance Characteristics
section
on
page
9.
For
more
device
applications, refer to the related evaluation
board datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com