Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP5990 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP5990
Description  16V, 50A, 1mΩ RDS(ON), Fully Integrated Hot-Swap Solution with PMBus Interface
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5990 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP5990 Datasheet HTML 1Page - Monolithic Power Systems MP5990 Datasheet HTML 2Page - Monolithic Power Systems MP5990 Datasheet HTML 3Page - Monolithic Power Systems MP5990 Datasheet HTML 4Page - Monolithic Power Systems MP5990 Datasheet HTML 5Page - Monolithic Power Systems MP5990 Datasheet HTML 6Page - Monolithic Power Systems MP5990 Datasheet HTML 7Page - Monolithic Power Systems MP5990 Datasheet HTML 8Page - Monolithic Power Systems MP5990 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 72 page
background image
MP5990
– 16V, 50A, 1mΩ, INTELLIGENT HOT-SWAP SOLUTION WITH PMBUS
MP5990 Rev. 1.1
MonolithicPower.com
2
4/19/2024
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2024 MPS. All Rights Reserved.
TYPICAL APPLICATION
VOUT
OCREF
VTEMP
SDA
SCL
ALT#
VOSEN
GND
IMON
GOK
ON
VINSEN
VOUT
VDD33
Pull-Up
VDD33
D_OC
Pull-Up
ADDR
VDD18
SCREF_
OCWREF
EN
VIN_UVW#
VIN_UVW#
GOK
OC Warning
MP5990
VIN
VIN
TVS
SS
EN
CS
FLT_TYPE
MODE
PG/OCW#
PG/OCW#
Figure 1: MP5990 Standalone Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com