Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPQ18913 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MPQ18913
Description  30V, 0.3A High Frequency Transformer Driver for Automotive, AEC-Q100
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ18913 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MPQ18913 Datasheet HTML 1Page - Monolithic Power Systems MPQ18913 Datasheet HTML 2Page - Monolithic Power Systems MPQ18913 Datasheet HTML 3Page - Monolithic Power Systems MPQ18913 Datasheet HTML 4Page - Monolithic Power Systems MPQ18913 Datasheet HTML 5Page - Monolithic Power Systems MPQ18913 Datasheet HTML 6Page - Monolithic Power Systems MPQ18913 Datasheet HTML 7Page - Monolithic Power Systems MPQ18913 Datasheet HTML 8Page - Monolithic Power Systems MPQ18913 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
MPQ18913
– 30V, 0.3A High Frequency Transformer Driver
PRELIMINARY SPECIFICATIONS SUBJECT TO CHANGE
MPQ18913 Rev. 0.8
MonolithicPower.com
5
12/8/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
Preliminary Specifications Subject to Change
© 2021 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 24V, TJ = -40°C to 150°C, typical values are at TJ = +25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Switching Frequency
Setting
fSW
RFREQ=33k
Ω
-3%
3
+3%
MHz
RFREQ
=100kΩ
-3%
1
+3%
MHz
Frequency Setting
Resistor Range
RFREQ
20
250
k
Ω
SYNC Frequency
Range
0.4
5
MHz
First Level OC Limit
ILIM
-15%
1.2
+15%
A
First Level OCP
Blanking(6)
tOCP
MPQ18913
-20%
1
+20%
ms
MPQ18913-A
-20%
20
+20%
ms
Short Circuit Protection
Threshold
ISC
Fast off limit
6
A
Hiccup Time(6)
tHICCUP
MPQ18913
-20%
12
+20%
ms
MPQ18913-A
-20%
120
+20%
Dead-time(6)
tD
-20%
25
+20%
ns
Soft-Start Time(6)
tSS
MPQ18913
1
ms
MPQ18913-A
20
ms
Thermal Shutdown
TSD
170
°C
Thermal Shutdown
Hysteresis
∆TSD
20
°C
Note:
6) Derived from bench characterization, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com