Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

O-CS8-APT17ISL-R Datasheet(PDF) 3 Page - Abracon Corporation

Part # O-CS8-APT17ISL-R
Description  Ultra Low Phase Noise, Precision SC-cut HF OCXO in SMD Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

O-CS8-APT17ISL-R Datasheet(HTML) 3 Page - Abracon Corporation

  O-CS8-APT17ISL-R Datasheet HTML 1Page - Abracon Corporation O-CS8-APT17ISL-R Datasheet HTML 2Page - Abracon Corporation O-CS8-APT17ISL-R Datasheet HTML 3Page - Abracon Corporation O-CS8-APT17ISL-R Datasheet HTML 4Page - Abracon Corporation O-CS8-APT17ISL-R Datasheet HTML 5Page - Abracon Corporation O-CS8-APT17ISL-R Datasheet HTML 6Page - Abracon Corporation O-CS8-APT17ISL-R Datasheet HTML 7Page - Abracon Corporation O-CS8-APT17ISL-R Datasheet HTML 8Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
O-CS8 Series
14 x 21 x 7.5mm
Datasheet #1319A
Ultra Low Phase Noise, Precision SC-cut HF OCXO in SMD Package
Revision P: 08/24/2023
www.nelfc.com
Packaging
Blank
Bulk
T
50 pcs / reel
T1
350 pcs / reel
Output Frequency
Please specify the frequency
in units of MHz out to 3-digit
accuracy after the decimal.
Example: 100.000MHZ
Supply Voltage
0
5.0V ±5%
A
3.3V ±5%
Control Voltage
K
0 to 3.0 V, Internally biased to Vref/2,
100 Kohm divider
L
0 to 10 V, internally biased to Vref,
100 Kohm
M
0 to 10 V, no internal bias
P
0 to 4.5 V, Internally biased to Vref/2,
100 Kohm divider
Q
0 to 4.5 V, no internal bias
Environmental
L
Contains a level of lead that is in
excess of RoHS directive and is
not designed for reflow
R
RoHS compliant
Phase Noise Grade (see table)
L
Standard
P
Premium
U
Ultimate
Output
S
Sinewave
T
CMOS/TTL
Temperature Stability
17
1x10-7
58
5x10-8
YZ
Yx10-Z
Temperature Range - In 5ºC steps **
First letter
Lowest temperature from A = -40ºC
Second letter
Highest temperature to Z = 85ºC
Examples
IS
0°C to 50°C
GU
-10°C to 60°C
EW
-20°C to 70°C
**Temperature Code Table
Letter
Temp °C
Letter
Temp °C
Letter
Temp °C
Letter
Temp °C
Letter
Temp °C
Letter
Temp °C
A
-40
F
-15
K
10
P
35
U
60
Z
85
B
-35
G
-10
L
15
Q
40
V
65
C
-30
H
-5
M
20
R
45
W
70
D
-25
I
0
N
25
S
50
X
75
E
-20
J
5
O
30
T
55
Y
80
OCXO
Creating a Part Number
Conventional Power
Package Code
S8 14x21x7.5 mm SMD
Notes:
1. Not all combinations are available – consult factory.
2. It’s not recommended to over-specify stability over temperature performance: it significantly affects the cost.
3. Unless absolutely necessary do not specify highest operating temperature above 70°C.
4. All parameters, unless otherwise specified, are at nominal conditions, i.e.: T=25°C, Nominal Vcc & Nominal Load.
5. Part number string shall contain no spaces.
O - C S8 - X X X XX XX X - X - XXX.XXX MHZ - X



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com