Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASCF21U Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASCF21U
Description  CERAMIC SURFACE-MOUNT 21.4MHz and 45MHz FUNDAMENTAL MONOLITHIC CRYSTAL FILTERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASCF21U Datasheet(HTML) 1 Page - Abracon Corporation

  ASCF21U Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CERAMIC SURFACE-MOUNT • 21.4MHz and 45MHz FUNDAMENTAL
MONOLITHIC CRYSTAL FILTERS
ASCF21U and ASCF45U
APPLICATIONS:
• Mobile communication systems.
• Pagers.
• Cellular and cordless phones.
• Radios.
FEATURES:
• Surface-mount ceramic package.
• Reflow capable.
• Excellent attenuation bandwidth.
• Low height.(1.5mm max.)
PIN
1
2
3
4
5
6
FUNCTION
IN
GND
GND
OUT
GND
GND
ORDERING OPTIONS
ASCFXXU XX
-
Packaging
-T for Tape and reel
7.2 x 5.2 x 1.5 mm
Operating Temperature: -20°C to + 70°C.
Environmental and mechanical specifications, see appendix C. Group 2.
Applications notes, see appendix A.
Tape and reel, see appendix H.
Marking, see appendix G.
Recommended handling, see appendix F.
We Manufacture to your Custom Specifications. Please Call for Details.
S
S
T
T
A
A
N
N
D
D
A
A
R
R
D
D
S
S
P
P
E
E
C
C
I
I
F
F
I
I
C
C
A
A
T
T
I
I
O
O
N
N
S
S
ABRACON
RIPPLE LOSS TERMINATING IMPEDANCE
PART NO.
POLE dB kHz
dB
kHz
dB
dB
(W // pF)
STOPBAND
PASSBAND
ASCF21U8
2
3
±3.75
20
±18.0
1.0
2.0
(850 // 5.0)
ASCF21U15
2
3
±7.50
18
±25.0
1.0
2.0
(1500 // 1.0)
ASCF21U20
2
3
±10.0
10
±30.0
1.0
2.0
(1800 // 1.0)
ASCF21U30
2
3
±15.0
15
±45.0
1.0
2.0
(2000 // 1.5)
Dimensions: Inches (mm)
ABRACON
IPPLE LOSS TERMINATING IMPEDANCE
PART NO.
POLE dB kHz
dB
kHz
dB
dB
( W // pF )
STANDARD SPECIFICATIO
R
NS
ASCF45U8
2
3 ±3.75
20
±25.0
1.0
2.5
(650 // 3.5)
ASCF45U12
2
3 ±6.00
15
±20.0
1.0
2.5
(650 // 5.0)
ASCF45U15
2
3 ±7.50
15
±25.0
1.0
2.5
(650 // 3.5)
ASCF45U30
2
3 ±15.0
15
±60.0
1.0
2.5
(1200 // -3.0)
STOPBAND
PASSBAND
21 or 45
See suffix in P/N
29 Journey • Aliso Viejo, CA 92656 • USA
(949) 448-7070
•
FAX: (949) 448-8484
E-MAIL:
abinfo@abracon.com • INTERNET ADDRESS: www.abracon.com
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
NOTE: Left blank if standard
• All specifications and markings subject to change without notice
ABRACON
®
C O R P O R A T I O N 77


Similar Part No. - ASCF21U

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASCF21UB ABRACON-ASCF21UB Datasheet
146Kb / 1P
SURFACE MOUNT CRYSTAL FILTER
ASCF21UB15A ABRACON-ASCF21UB15A Datasheet
146Kb / 1P
SURFACE MOUNT CRYSTAL FILTER
ASCF21UB15B ABRACON-ASCF21UB15B Datasheet
146Kb / 1P
SURFACE MOUNT CRYSTAL FILTER
ASCF21UB20A ABRACON-ASCF21UB20A Datasheet
146Kb / 1P
SURFACE MOUNT CRYSTAL FILTER
ASCF21UB20B ABRACON-ASCF21UB20B Datasheet
146Kb / 1P
SURFACE MOUNT CRYSTAL FILTER
More results

Similar Description - ASCF21U

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACF21U ABRACON-ACF21U Datasheet
372Kb / 1P
21.4MHz and 45MHz MONOLITHIC CRYSTAL FILTERS
logo
ECM Electronics Limited...
ECF45 ECM-ECF45 Datasheet
89Kb / 1P
Surface Mount Crystal Filters
logo
NIHON DEMPA KOGYO
45S7.5AA NDK-45S7.5AA Datasheet
82Kb / 1P
Fundamental 45MHz-Series MCF
logo
AEL Crystals Ltd
21MS7.5A AEL-21MS7.5A Datasheet
146Kb / 1P
Surface Mounted Monolithic Crystal Filters 21.4MHz & 45MHz
logo
ECS, Inc.
ECS-10.7-7.5A ECS-ECS-10.7-7.5A Datasheet
206Kb / 3P
MONOLITHIC CRYSTAL FILTERS
logo
Wolfgang Knap
38SMF WK-38SMF Datasheet
113Kb / 1P
Monolithic Crystal Filters
45-UM1-FAMILY WK-45-UM1-FAMILY Datasheet
91Kb / 1P
Monolithic Crystal Filters
90-UM1-FAMILY WK-90-UM1-FAMILY Datasheet
87Kb / 1P
Monolithic Crystal Filters
96SMF-2P1 WK-96SMF-2P1 Datasheet
104Kb / 1P
Monolithic Crystal Filters
214-UM1-FAMILY WK-214-UM1-FAMILY Datasheet
86Kb / 1P
Monolithic Crystal Filters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com