Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASCF21UB7B Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASCF21UB7B
Description  SURFACE MOUNT CRYSTAL FILTER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASCF21UB7B Datasheet(HTML) 1 Page - Abracon Corporation

  ASCF21UB7B Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimensions: inch (mm)
Frequency Range
Operating Temperature
ABRACON IS
ABRACON IS
ISO 9001 / QS 9000
ISO 9001 / QS 9000
CERTIFIED
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
|||||||||||||||
ASCF21UB
SURFACE MOUNT CRYSTAL FILTER
SURFACE MOUNT CRYSTAL FILTER
SURFACE MOUNT CRYSTAL FILTER
STANDARD SPECIFICATIONS:
ORDERING INFORMATION:
OUTLINE DRAWING:
ASCF21UBXX - Packaging
-T Tape and Reel (1,000pcs/reel)
FEATURES:
• Surface-mount ceramic package.
• Reflow capable.
• Excellent attenuation bandwidth.
• Low height (1.0mm max.)
APPLICATIONS:
• Mobile communication systems.
• Pagers.
• Cellular and cordless phones.
• Radios.
6.0 x 3.5 x 1.0mm
*RoHS COMPLIANT
PARAMETERS
21.400MHz
- 20° C to + 70° C
MARKING:
- 21.4
- UBXX ZY
XX : suffix of P/N
ZY : Date Code
Z = Month (A to L)
Y = Year (6 for 2006)
Series No.
Pole
Ripple
Loss
dB
KHz
dB
KHz
dB
dB
21UB7A
2
3
± 3.75
18
± 18.0
1.0
1.5
21UB7B
4
3
± 3.75
35
± 14.0
1.0
2.5
21UB15A
2
3
± 7.5
15
± 25.0
1.0
1.5
21UB15B
4
3
± 7.5
35
± 25.0
1.0
2.5
21UB20A
2
3
± 10.0
15
± 34.0
1.0
2.0
21UB20B
4
3
± 10.0
35
± 34.0
1.0
2.5
21UB30A
2
3
± 15.0
15
± 45.0
1.0
1.5
21UB30B
4
3
± 15.0
35
± 50.0
1.0
2.5
Pass Band
Attenuation Band
Series No.
Attenuation Guaranteed
dB
KHz
21UB7A
50
-910±10
21UB7B
80
-910±10
21UB15A
50
-910±10
21UB15B
80
-910±10
21UB20A
50
-910±10
21UB20B
80
-910±10
21UB30A
45
-910±10
21UB30B
80
-910±10
850//6.0
850//3.5
1500//2.0
1500//0.5
1800//0.5
1800//-1.0
3000//0
3000//-1.5
1
Terminal Impedance
(
Ω//pF)
Case Quantity
2
1
2
2
1
2
1


Similar Part No. - ASCF21UB7B

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASCF21U ABRACON-ASCF21U Datasheet
460Kb / 1P
CERAMIC SURFACE-MOUNT 21.4MHz and 45MHz FUNDAMENTAL MONOLITHIC CRYSTAL FILTERS
ASCF21U15 ABRACON-ASCF21U15 Datasheet
460Kb / 1P
CERAMIC SURFACE-MOUNT 21.4MHz and 45MHz FUNDAMENTAL MONOLITHIC CRYSTAL FILTERS
ASCF21U20 ABRACON-ASCF21U20 Datasheet
460Kb / 1P
CERAMIC SURFACE-MOUNT 21.4MHz and 45MHz FUNDAMENTAL MONOLITHIC CRYSTAL FILTERS
ASCF21U30 ABRACON-ASCF21U30 Datasheet
460Kb / 1P
CERAMIC SURFACE-MOUNT 21.4MHz and 45MHz FUNDAMENTAL MONOLITHIC CRYSTAL FILTERS
ASCF21U8 ABRACON-ASCF21U8 Datasheet
460Kb / 1P
CERAMIC SURFACE-MOUNT 21.4MHz and 45MHz FUNDAMENTAL MONOLITHIC CRYSTAL FILTERS
More results

Similar Description - ASCF21UB7B

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
F10 RALTRON-F10 Datasheet
27Kb / 1P
SURFACE MOUNT MONOLITHIC CRYSTAL FILTER
F13 RALTRON-F13 Datasheet
30Kb / 1P
SURFACE MOUNT MONOLITHIC CRYSTAL FILTER
logo
MTRONPTI
M1254 MTRONPTI-M1254_07 Datasheet
267Kb / 2P
Surface Mount Crystal
logo
Abracon Corporation
ASCF45UB ABRACON-ASCF45UB Datasheet
134Kb / 2P
SURFACE MOUNT CRYSTAL FILTER
4.10.07
logo
List of Unclassifed Man...
HCX-7S ETC2-HCX-7S Datasheet
259Kb / 1P
SURFACE MOUNT CRYSTAL
logo
Vishay Siliconix
XT36C VISHAY-XT36C_10 Datasheet
93Kb / 3P
Surface Mount Crystal
09-Mar-10
XT46C VISHAY-XT46C_10 Datasheet
93Kb / 3P
Surface Mount Crystal
09-Mar-10
logo
List of Unclassifed Man...
HCX-5SA ETC1-HCX-5SA Datasheet
470Kb / 2P
Surface Mount Crystal
logo
Raltron Electronics Cor...
R1612 RALTRON-R1612 Datasheet
353Kb / 3P
SURFACE MOUNT CRYSTAL
R2016 RALTRON-R2016 Datasheet
343Kb / 3P
SURFACE MOUNT CRYSTAL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com