Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA5153 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA5153
Description  Pre-amplifier for Hard Disk Drive HDD with MR-read/inductive write heads
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5153 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA5153 Datasheet HTML 9Page - NXP Semiconductors TDA5153 Datasheet HTML 10Page - NXP Semiconductors TDA5153 Datasheet HTML 11Page - NXP Semiconductors TDA5153 Datasheet HTML 12Page - NXP Semiconductors TDA5153 Datasheet HTML 13Page - NXP Semiconductors TDA5153 Datasheet HTML 14Page - NXP Semiconductors TDA5153 Datasheet HTML 15Page - NXP Semiconductors TDA5153 Datasheet HTML 16Page - NXP Semiconductors TDA5153 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
1997 Jul 02
13
Philips Semiconductors
Preliminary specification
Pre-amplifier for Hard Disk Drive (HDD)
with MR-read/inductive write heads
TDA5153
8.10
Operation of the serial interface
8.10.1
CONFIGURATION
d0
By default (d0 = logic 0), write data passes from the
write data input via the data flip-flop to the write driver.
The write driver toggles the current in the head at the
falling edges of
When d0 = logic 1, the flip-flop is not used. The signal
polarity is non-inverting from WDIx and WDIy to Wx and
Wy.
d1
By default (d1 = logic 0) the pre-amplifier senses PECL
write signals at WDIx and WDIy. d1 should remain
logic 0.
d2
By default, (d2 = logic 0) the write current is inhibited
under low supply voltage conditions. The write current
inhibit is made inactive by programming d2 to logic 1.
d3
By default (d3 = logic 0), in write mode low supply
voltage, open head, and other conditions are monitored
and flagged at HUS. If d3 = logic 1, HUS is LOW in write
mode and HIGH in read mode.
d4
The amplifier read gain may be programmed in the
configuration register. By default (d4 = logic 0), the read
gain is typically 160 with RMR =28 Ω. If d4 = logic 1, the
read amplifier typical gain is 3 dB higher (i.e. 226 if
RMR =28 Ω).
d5
In order to minimize the write-to-read recovery times,
the first stage of the read amplifier may be kept biased
during write mode. By default, (d5 = logic 0) the read
amplifier is powered-down during write mode, and the
fast settling procedure is activated after write-to-read
switching. If d5 = logic 1 the read amplifier is kept biased
during write mode, and the fast settling procedure still
occurs if the head is changed or the MR current is
re-programmed.
8.10.2
POWER CONTROL
By default d0 = d1 = logic 0, the pre-amplifier powers-up in
sleep mode. If d1 = logic 0, d0 = logic 1 or d1 = logic 1,
d0 = logic 0 the circuit goes in standby mode.
V
data
V
WDIx
V
WDIy
–
2
--------------------------------------
=
If d1 = d0 = logic 1, the circuit goes in active mode, (read
or write mode depending on the R/W input).
8.10.3
HEAD SELECT
d2, d1 and d0 are used to select head H0 to H5 for the
6 channel version and to select head H1 to H4 for the
4 channel version.
8.10.4
SERVO WRITE
The circuit is prepared for servo writing. However, the chip
will not be guaranteed.
8.10.5
TEST
d2 = d1 = d0 = logic 0. The circuit is not in test mode. This
is the default situation.
8.10.5.1
MR head test
d2 = logic 0, d1 = logic 0, d0 = logic 1. In read mode, the
voltages at Rx and Ry (at the top of the MR elements) of
the selected head are fed to RDx and RDy outputs. By
measuring the output voltages single-ended at two
different IMR currents, the MR resistance can be accurately
measured according to the following formula:
for the x side for instance.
Open head and head short-circuited to ground conditions
can therefore be detected.
d2 = logic 0, d1 = logic 1, d0 = logic 0. Same as before,
with the difference that IMR2 is fixed to a minimum constant
value of 5 mA. Measuring in the same way as above with
IMR1 > 5 mA, enables the detection of MR elements
connected together.
8.10.5.2
Temperature monitor
d2 = logic 0, d1 = logic 1, d0 = logic 1. The temperature
monitor voltages are connected to RDx and RDy. The
output differential voltage depends on the temperature
according to:
,
The temperature may be measured with a typical precision
of 5
°C.
R
MRx
V
RDx1
V
RDx2
–
I
MRx1
I
MRx2
–
---------------------------------------
=
dV
0.00364
–
T
1.7
+
×
=
0
T
140
°C
<<



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com