Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCA610 Datasheet(PDF) 2 Page - VTI technologies

Part # SCA610
Description  Accelerometer/Inclinometer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA610 Datasheet(HTML) 2 Page - VTI technologies

  SCA610 Datasheet HTML 1Page - VTI technologies SCA610 Datasheet HTML 2Page - VTI technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VTI Technologies Oy
Myllynkivenkuja 6
P.O. Box 27
FI-01621 Vantaa
Finland
Tel. +358 9 879 181
Fax +358 9 879 18791
sales@vti.fi
VTI Technologies Oy
Frankfurt Branch
Rennbahnstr. 72-74
D-60528 Frankfurt am Main
Germany
Tel. +49 69 6786 880
Fax +49 69 6786 8829
sales.de@vti.fi
VTI Technologies, Inc.
One Park Lane Blvd.
Suite 804 - East Tower
Dearborn, MI 48126
USA
Tel. +1 313 425 0850
Fax +1 313 425 0860
sales@vtitechnologies.com
ELECTRICAL CONNECTION
DIMENSIONS
RECOMMENDED CIRCUIT
PCB PAD LAYOUTS
ABSOLUTE MAXIMUM RATINGS
Parameter
Value
Units
Acceleration (powered or non-powered)
20000
g
Supply voltage
-0.3 to +7.0
V
Voltage at input / output pins
-0.3 to Vdd + 0.3
V
Temperature range
-55 to +125
ºC
Pin#
Pin Name Connection
1
Open or capacitively connected to GND for EMC*)
2
Open or capacitively connected to GND for EMC*)
3
Open or capacitively connected to GND for EMC*)
4
GND
Negative supply voltage (VSS)
5
Open or capacitively connected to GND for EMC*)
6
ST
Self-test control
7
VOUT
Sensor analog output
8
VDD
Positive supply voltage (VDD)
*) recommended capacity min. 20 pF – Effectiveness should be tested and if necessary adapted in
the respective connection.
The accelerometer weighs under 1 g.
The size of the part is approximately (w x h x l) 9 x 5 x 11 mm. Pin pitch is standard 100 mils.
Acceleration in the direction of the arrow
will increase the output voltage.
SCA610 Series



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com