Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASFLM1 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASFLM1
Description  PLASTIC PACKAGE ULTRA MINIATURE PURE SILICON CLOCK OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASFLM1 Datasheet(HTML) 1 Page - Abracon Corporation

  ASFLM1 Datasheet HTML 1Page - Abracon Corporation ASFLM1 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PLASTIC PACKAGE ULTRA MINIATURE
|||||||||||||||
ASFLM1
STANDARD SPECIFICATIONS:
OPTIONS AND PART IDENTIFICATION:
(Left blank if standard)
APPLICATIONS:
FEATURES:
5.0 x 3.2 x 1.04mm
REVISED: 6.18.07
Pb RoHS
Compliant
PARAMETERS
ABRACON P/N:
ASFLM1
Frequency range:
1.000 MHz - 125 MHz
Operating temperature:
0°C to + 70°C (see options)
Storage temperature:
-50°C to +155°C
Supply Current:
6.0mA max (1 - 40MHz,Vdd=3.0 ± 0.3V)
7.5mA max (40 - 80MHz, Vdd=3.0 ± 0.3V)
9.5mA max (80 - 125MHz, Vdd=3.0 ± 0.3V)
Symmetry:
40/60 % max.@ 1/2Vdd
Rise and Fall Times (Tr/Tf):
5ns max. (+25°C, 15pF out put load, 20 - 80% Vdd.)
Output Load:
15pF max.
Output Voltage:
VOH = 0.8*Vdd min.
VOL = 0.2*Vdd max.
Tri-State Function
(Stand-by):
"1" or open: Oscillation
"0": No oscillation/Hi Z
Start-up-time:
10mS max
1uA max. (High Impedance state)
1uA max. (Oscillation state)
Aging at +25°C per year:
Input Current
± 5ppm max.
Disabled Current:
15μA max.
Overall Frequency Stablilty:
± 100 ppm max. (see options)
Supply Voltage (Vdd):
3.0 V ± 0.3 V
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
TM
• Real Time Clock Signals for wide range of consumer applications
• Harsh Environment Industrial Equipment
• RF Oscillator
• Ultra Miniature Pure SiliconTM Clock Oscillator
• MEMS Technology by Discera
• Low Power Consumption <10mA
• Stability to ±20ppm
• Available -40 to +85˚C Operating Temperature Range
• Up to 30,000G Shock Resistance Available
• Plastic Packaging
ASFLM1 - Frequency -
-
-
Frequency
Operating Temp.
Freq. Stability
Packaging
XX.XXXX MHz
Blank
0°C to +70°C
Blank
± 100 ppm
T
Tape and Reel
(1000pcs/reel)
E
-20°C to +70°C
J
± 20 ppm
L
-40°C to +85°C
C
± 50 ppm
*Blank : Standard
*Blank : Standard
Please contact Abracon for order assistance for high shock application.
PURE SILICON CLOCK OSCILLATOR


Similar Part No. - ASFLM1

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASFLM ABRACON-ASFLM Datasheet
232Kb / 2P
CERAMIC PACKAGE ULTRA MINIATURE PURE SILICON CLOCK OSCILLATOR
6.18.07
ASFLM ABRACON-ASFLM Datasheet
254Kb / 2P
ULTRA MINIATURE PLASTIC PACKAGE PURE SILICON CLOCK OSCILLATOR
05.06.08
ASFLMB ABRACON-ASFLMB Datasheet
10Mb / 5P
PLASTIC PACKAGE INDUSTRIAL GRADE ULTRA MINIATURE PURE SILICON TM CLOCK OSCILLATOR
11.02.15
ASFLMB-BLANK ABRACON-ASFLMB-BLANK Datasheet
1Mb / 2P
Programmer for PureSilicon Oscillators
05/16/11
ASFLMP ABRACON-ASFLMP Datasheet
3Mb / 6P
PERFORMANCE PLASTIC PACKAGE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
08.19.15
More results

Similar Description - ASFLM1

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASFLM ABRACON-ASFLM Datasheet
232Kb / 2P
CERAMIC PACKAGE ULTRA MINIATURE PURE SILICON CLOCK OSCILLATOR
6.18.07
ASDM ABRACON-ASDM Datasheet
343Kb / 2P
ULTRA MINIATURE PLASTIC PACKAGE PURE SILICON CLOCK OSCILLATOR
05.06.08
ASEM ABRACON-ASEM Datasheet
259Kb / 2P
ULTRA MINIATURE PLASTIC PACKAGE PURE SILICON CLOCK OSCILLATOR
05.06.08
ASFLM ABRACON-ASFLM_08 Datasheet
254Kb / 2P
ULTRA MINIATURE PLASTIC PACKAGE PURE SILICON CLOCK OSCILLATOR
05.06.08
ASEM1-24.000MHZ-LC-T ABRACON-ASEM1-24.000MHZ-LC-T Datasheet
1Mb / 3P
ULTRA MINIATURE PLASTIC PACKAGE PURE SILICON CLOCK OSCILLATOR
07.21.11
ASEMPLV-100.000MHZ-LR-T ABRACON-ASEMPLV-100.000MHZ-LR-T Datasheet
4Mb / 7P
PERFORMANCE PLASTIC PACKAGE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
07.16.12
ASEM1-12.000MHZ-LC-T ABRACON-ASEM1-12.000MHZ-LC-T Datasheet
2Mb / 3P
ULTRA MINIATURE PLASTIC PACKAGE PURE SILICON?줓LOCK OSCILLATOR
10.21.13
ASFLMB ABRACON-ASFLMB Datasheet
10Mb / 5P
PLASTIC PACKAGE INDUSTRIAL GRADE ULTRA MINIATURE PURE SILICON TM CLOCK OSCILLATOR
11.02.15
ASFLMP ABRACON-ASFLMP Datasheet
3Mb / 6P
PERFORMANCE PLASTIC PACKAGE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
08.19.15
ASVMP ABRACON-ASVMP Datasheet
3Mb / 7P
PERFORMANCE PLASTIC PACKAGE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
08.19.15
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com