Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASFLV Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASFLV
Description  3.3Vdc HCMOS SMD VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASFLV Datasheet(HTML) 1 Page - Abracon Corporation

  ASFLV Datasheet HTML 1Page - Abracon Corporation ASFLV Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.3Vdc HCMOS SMD VOLTAGE CONTROLLED
|||||||||||||||
ASFLV SERIES
STANDARD SPECIFICATIONS:
OPTIONS AND PART IDENTIFICATION:
(Left blank if standard)
APPLICATIONS:
• CCD clock for VTR camera
• Computers and peripherals
• Portable MP3 players and games
FEATURES:
• Pb-Free/RoHS Compliant
• Smallest industry package
• Tri state function
• Suitable for high density SMT
• IR reflow capable
• Hermetically sealed
5.0 x 3.2 x 1.2mm
Pb RoHS
Compliant
PARAMETERS
ABRACON P/N:
ASFLV Series
Frequency range:
1.500000MHz - 50.000000MHz
Operation mode:
Fundamental
Operating temperature:
-10°C to + 70°C (see options)
Storage temperature:
-50°C to +100°C
Current Consumption (Idd):
8mA max for 1.5 ~ 19.9MHz
15mA max for 20.0 ~ 40.0MHz
22mA max for 40.1 ~ 50.0MHz
Symmetry (Duty Cycle):
50% ± 10% (see options)
Rise and Fall Times:
5nS max.
Output Load:
15pF (HCMOS)
Output Voltage:
VOH = 0.9*Vdd min.
VOL = 0.1*Vdd max.
Voltage Control:
0.3 to 3.0V
Transfer Function:
Positive
Linearity:
<±150 ppm freq. deviation: 10% max.; 6% typical
>±150 ppm freq. deviation: 20% max.; 15% typical
Start-up-time:
5mS max for 1.5 ~ 32MHz
10mS max for f > 32MHz
Aging per year:
± 5ppm @25°C
Phase Jitter RMS:
10pS typical
Pullability:
± 50ppm (see options)
Overall Frequency Stablilty:
± 100ppm max. (see options)
Supply Voltage (Vdd):
3.3 V ± 10%
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
CRYSTAL OSCILLATOR
k
l
u
B
k
n
a
l
B
m
p
p
5
2
±
R
T
m
p
p
0
5
±
C
Tape and Reel
m
p
p
0
0
1
±
0
0
1
N
D
T
S
k
n
a
l
B
D
T
S
k
n
a
l
B
L
-40°C to 85°C
m
p
p
0
5
1
±
0
5
1
N
%
5
±
%
0
5
S
Symmetry
ASFLV - Frequency -
-
-
-
-
Operating Temp.
Frequency
XX.XXX MHz
Packaging
Pullability
Overall Freq. Stability
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 07.11.07
Visit www.abracon.com for Terms & Conditions of Sale


Similar Part No. - ASFLV

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASFL ABRACON-ASFL Datasheet
99Kb / 1P
5.0 Vdc or 3.3 Vdc LOW PROFILE ULTRA MINIATURE CERAMIC SURFACE MOUNT CRYSTAL CLOCK OSCILLATORS
ASFL1 ABRACON-ASFL1 Datasheet
99Kb / 1P
5.0 Vdc or 3.3 Vdc LOW PROFILE ULTRA MINIATURE CERAMIC SURFACE MOUNT CRYSTAL CLOCK OSCILLATORS
ASFL1 ABRACON-ASFL1 Datasheet
188Kb / 2P
3.3V HCMOS / TTL COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
1.05.08
ASFL1 ABRACON-ASFL1_08 Datasheet
188Kb / 2P
3.3V HCMOS / TTL COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
1.05.08
ASFL2 ABRACON-ASFL2 Datasheet
151Kb / 2P
2.5V HCMOS / TTL COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
4.26.07
More results

Similar Description - ASFLV

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASV1 ABRACON-ASV1 Datasheet
364Kb / 2P
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
07.12.07
ASVV ABRACON-ASVV Datasheet
1Mb / 2P
HCMOS/TTL COMPATIBLE VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
5.01.07
ASV ABRACON-ASV Datasheet
366Kb / 2P
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
07.11.07
logo
Crystek Corporation
CVXO-018T CRYSTEKCRYSTAL-CVXO-018T Datasheet
113Kb / 1P
Voltage Controlled Crystal Oscillator 5X7 mm SMD, 3.3V, HCMOS
logo
Abracon Corporation
ACVX1220L ABRACON-ACVX1220L Datasheet
289Kb / 2P
TTL/CMOS 3.3Vdc VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
12.03.07
ASV ABRACON-ASV_08 Datasheet
202Kb / 2P
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
02.25.08
ASV1 ABRACON-ASV1_07 Datasheet
893Kb / 2P
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
12.14.07
ASVV ABRACON-ASVV_08 Datasheet
165Kb / 2P
HCMOS/TTL COMPATIBLE VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
Revised K: 03.11.08
ASE-12.000MHZ-LC-T ABRACON-ASE-12.000MHZ-LC-T Datasheet
931Kb / 2P
3.3Vdc CMOS SMD CRYSTAL CLOCK OSCILLATOR
06.24.10
ASV-32.000MHZ-E-T ABRACON-ASV-32.000MHZ-E-T Datasheet
881Kb / 2P
3.3Vdc HCMOS/SMD CRYSTAL CLOCK OSCILLATOR
07.06.10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com