Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASGL Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASGL
Description  HCMOS/ TTL COMPATIBLE CERAMIC SURFACE MOUNT CRYSTAL CLOCK OSCILLATORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASGL Datasheet(HTML) 1 Page - Abracon Corporation

  ASGL Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HCMOS/ TTL COMPATIBLE • CERAMIC SURFACE MOUNT
CRYSTAL CLOCK OSCILLATORS
ASG and ASGL
APPLICATIONS:
• CCD clock for VTR camera.
• Thin equipment.
• Equipment.
S
S
T
T
A
A
N
N
D
D
A
A
R
R
D
D
S
S
P
P
E
E
C
C
I
I
F
F
I
I
C
C
A
A
T
T
I
I
O
O
N
N
S
S
FEATURES:
• Compact and low in height.
• Suitable for high density SMT., Reflow capable.
• Low current consumption
• Tight stability option.
• Tristate Enable / Disable function.
• Seam welding.
PIN
FUNCTION
N0.
1
Tristate E/D
2
GND / Case
3
Output
4
Vdd
Dimensions: Inches (mm)
PARAMETERS
ASG
ASGL
Frequency Range
(Fo)
0.5MHz ~ 107MHz
0.5MHz ~ 125MHz
Operating Temperature (TOPR)
-10°C to +70°C (See Options)
Storage Temperature
(TSTO)
-55°C to +125°C
Frequency Stability
(DF/ Fo)
±100ppm max. (See Options)
Supply Voltage
(Vdd)
5.0Vdc ±10%
3.3Vdc ±10%
Input Current
(Idd)
Duty Cycle or Symmetry
45 / 55% max. for F< 50MHz
40 / 60% max.
40 / 60% max. for F> 50MHz
Rise and Fall Times
(Tr / Tf)
10ns max. for F < 40MHz
6ns max. for F > 40MHz
Output Load
1 5pF (50pF max.)
5TTL or 15pF
Output Voltage
(Voh)
0.9 * Vdd min.
(Vol)
0.1 * Vdd max.
E/D Function
(ViH)
(ViL)
25mA max. for F < 40MHz
20mA max. for F < 40MHz
40mA max. for F < 70MHz
35mA max. for F < 80MHz
60mA max. for F < 107MHz 50mA max. for F < 125MHz
“1” or Open: Oscillation
>_ 2.2V
“0”:Output disabled in high impedance (HiZ) < 0.8V
6.0 x 3.5 x 1.8 mm
Connect a By-Pass capacitor 0.01 mF between Vdd and GND.
Environmental, and mechanical specifications, see appendix C. Group 2.
Marking, see appendix G. Test circuit, waveforms, see appendix B.
Tape and Reel, see appendix H.(1,000 pcs/reel). Reflow profile, see appendix E.
Application notes, see appendix A. Recommended handling, see appendix F.
ASGX - Frequency - Temperature - Overall Frequency Stability - Duty Cycle - Packaging
XX.XXXXX MHz
Blank or L
-S for 45 /55% @ 1
/2 Vdd
ORDERING OPTIONS
- E for -20°C to + 70°C
- F for -30°C to + 70°C
- N for -30°C to + 85°C
- L for -40°C to + 85°C
-T
(Tape & Reel)
-R for ± 25ppm max.
-K for ± 30ppm max.
-H for ± 35ppm max.
-B for ± 40ppm max.
-C for ± 50ppm max.
29 Journey • Aliso Viejo, CA 92656 • USA
(949) 448-7070
•
FAX: (949) 448-8484
E-MAIL:
abinfo@abracon.com • INTERNET ADDRESS: www.abracon.com
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
NOTE: Left blank if standard
• All specifications and markings subject to change without notice
ABRACON
®
C O R P O R A T I O N 43


Similar Part No. - ASGL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASG-101 ETC-ASG-101 Datasheet
188Kb / 6P
DC-3000 MHz SiGe HBT Amplifier
logo
Super Micro Computer, I...
ASG-1014S-ACR12N4H SUPERMICRO-ASG-1014S-ACR12N4H Datasheet
552Kb / 2P
MegaDC A Server ASG-1014S-ACR12N4H
ASG-1115S-NE316R SUPERMICRO-ASG-1115S-NE316R Datasheet
481Kb / 2P
Storage A Server ASG-1115S-NE316R
ASG-1115S-NE3X12R SUPERMICRO-ASG-1115S-NE3X12R Datasheet
479Kb / 2P
Storage A Server ASG-1115S-NE3X12R
ASG-2015S-E1CR24H SUPERMICRO-ASG-2015S-E1CR24H Datasheet
606Kb / 3P
Storage A Server ASG-2015S-E1CR24H
More results

Similar Description - ASGL

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AP5S ABRACON-AP5S Datasheet
157Kb / 2P
HCMOS/TTL COMPATIBLE SURFACE-MOUNT PROGRAMMABLE CRYSTAL CLOCK OSCILLATOR
5.15.07
AP7S ABRACON-AP7S Datasheet
158Kb / 2P
HCMOS/TTL COMPATIBLE SURFACE-MOUNT PROGRAMMABLE CRYSTAL CLOCK OSCILLATOR
5.15.07
logo
Vishay Siliconix
XO-54 VISHAY-XO-54 Datasheet
81Kb / 1P
Full Size Clock Oscillators TTL/HCMOS Compatible
10-Jun-03
XO-54 VISHAY-XO-54_07 Datasheet
188Kb / 3P
Full Size Clock Oscillators TTL/HCMOS Compatible
05-Mar-07
logo
Abracon Corporation
AP5S ABRACON-AP5S_08 Datasheet
164Kb / 2P
HCMOS/TTL COMPATIBLE SURFACE-MOUNT PROGRAMMABLE CRYSTAL CLOCK OSCILLATOR
1.04.08
AP7S ABRACON-AP7S_08 Datasheet
164Kb / 2P
HCMOS/TTL COMPATIBLE SURFACE-MOUNT PROGRAMMABLE CRYSTAL CLOCK OSCILLATOR
1.04.08
logo
Vishay Siliconix
XO-543 VISHAY-XO-543 Datasheet
186Kb / 3P
Full Size Clock Oscillators TTL/HCMOS Compatible
05-Mar-07
logo
RSG Electronic Componen...
HO-12 RSG-HO-12 Datasheet
84Kb / 1P
FULL SIZE CLOCK OSCILLATORS TTL/HCMOS COMPATIBLE
HO-22 RSG-HO-22 Datasheet
85Kb / 1P
HALF SIZE CLOCK OSCILLATORS TTL/HCMOS COMPATIBLE
logo
Vishay Siliconix
XO-543 VISHAY-XO-543_11 Datasheet
155Kb / 3P
Full Size Clock Oscillators TTL/HCMOS Compatible
08-Mar-11
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com