Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA5241 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA5241
Description  Brushless DC motor drive circuit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5241 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA5241 Datasheet HTML 4Page - NXP Semiconductors TDA5241 Datasheet HTML 5Page - NXP Semiconductors TDA5241 Datasheet HTML 6Page - NXP Semiconductors TDA5241 Datasheet HTML 7Page - NXP Semiconductors TDA5241 Datasheet HTML 8Page - NXP Semiconductors TDA5241 Datasheet HTML 9Page - NXP Semiconductors TDA5241 Datasheet HTML 10Page - NXP Semiconductors TDA5241 Datasheet HTML 11Page - NXP Semiconductors TDA5241 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Philips Semiconductors
Product specification
TDA5241
Brushless DC motor drive circuit
March 1997
8/19
Symbol
Unit
Max
Typ
Min
Conditions
Parameter
PG OUT (open collector)
VOL
Output voltage LOW
IO = 1.6 mA
–
–
0.4
V
VOHmax
Output voltage HIGH
–
–
VP
V
tTHL
Transition time
HIGH-to-LOW;
CL = 50 pF;
RL = 10 k
W
–
0.5
–
ms
tPL
Pulse width LOW
4
–
10
ms
FG/PG (open collector)
VOL
Output voltage LOW
IO =1.6 mA
–
–
0.4
V
VOHmax
Maximum output voltage HIGH
–
–
VP
V
tTHL
Transition time
HIGH–to–LOW
CL = 50 pF
RL = 10 k
W
–
0.5
–
ms
Ratio of FG frequency and
commutation frequency
–
1:2
–
–
d
Duty factor
–
50
–
%
tPL
Pulse width LOW
after a PG IN pulse
5
7
15
ms
CAP–ST
II
Output sink current
1.5
2.0
2.5
mA
IO
Output source current
–2.5
–2.0
–1.5
mA
VSWL
Lower switching level
–
0.20
–
V
VSWM
Middle switching level
–
0.30
–
V
VSWH
Upper switching level
–
2.20
–
V
CAP–TI
II
Output sink current
22
30
38
mA
IOH
Output source current HIGH
–70
–63
–56
mA
IOL
Lower source current LOW
–6.0
–5.3
–4.6
mA
VSWL
Lower switching level
–
50
–
mV
VSWM
Middle switching level
–
0.30
–
V
VSWH
Upper switching level
–
2.20
–
V
CAP–CDM
II
Output sink current
10.6
16.2
22
mA
IO
Output source current
–5.3
–8.1
–11
mA
II/IO
Ratio of sink to source current
1.85
2.05
2.25
VIL
Input voltage level LOW
780
860
940
mV
VIH
Input voltage level HIGH
2.3
2.4
2.55
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com