Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCA1000 Datasheet(PDF) 2 Page - VTI technologies

Part # SCA1000
Description  Accelerometer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA1000 Datasheet(HTML) 2 Page - VTI technologies

  SCA1000 Datasheet HTML 1Page - VTI technologies SCA1000 Datasheet HTML 2Page - VTI technologies SCA1000 Datasheet HTML 3Page - VTI technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DIMENSIONS
PCB PAD LAYOUTS
The accelerometer weighs < 1.2 g.
The size of the part is approximately (w x h x l) 9 x 5 x 16 mm. Pin pitch is standard 100 mils.
Acceleration in the direction of the arrow
will increase the output voltage.
SCA1000 and SCA1020 Series
ABSOLUTE MAXIMUM RATINGS
Parameter
Value
Unit
Acceleration (powered or non powered)
20 000
g
Supply voltage
-0.3 V to +5.5 V
V
Voltage at input/output pins
-0.3 V to (Vdd+0.3 V)
V
Storage temperature range
-55…125
°C
MEASURING DIRECTIONS
X: +1 g Position
Y: 0 g Position
X: 0 g Position
Y: 0 g Position
X: 0 g Position
Y: +1 g Position
X: 0 g Position
Y: 0 g Position
X: -1 g Position
Y: 0 g Position
X: 0 g Position
Y: -1 g Position
Z: +1 g Position
Y: 0 g Position
Z: 0 g Position
Y: 0 g Position
Z: 0 g Position
Y: +1 g Position
Z: 0 g Position
Y: 0 g Position
Z: -1 g Position
Y: 0 g Position
Z: 0 g Position
Y: -1 g Position
SCA1000 ( X - Y Configuration)
SCA1020 ( Z - Y Configuration)
SENSING DIRECTION
PART NUMBER
SERIAL NUMBER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com