Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASPI-0804T-3R3M Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASPI-0804T-3R3M
Description  SURFACE-MOUNT POWER INDUCTORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-0804T-3R3M Datasheet(HTML) 1 Page - Abracon Corporation

  ASPI-0804T-3R3M Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
SURFACE-MOUNT POWER INDUCTORS
SURFACE-MOUNT POWER INDUCTORS
SURFACE-MOUNT POWER INDUCTORS
ASPI-T SERIES : 0804T
|||||||||||||||
STANDARD SPECIFICATIONS:
TECHNICAL INFORMATION:
• Testing conditions: 100KHz, 0.1VRMS
• Marking: EIA Color code
• Inductance tolerance: M = ± 20%, K= ± 10% (Optional)
• Inductance drop = 10% typ. at ISAT
• Add -T for tape and reel
•
∆T = 15°C temperature rise max at IRMS
• Operating temperature: -55°C to +125°C
Note: All specifications subject to change without notice.
REMARKS:
• RoHS Compliance effective Date Code 0526
• Label on reel and box
OUTLINE DRAWING:
PART NUMBER
INDUCTANCE µH
±20%
DCR
(Ω max.)
ISAT
DC(A)
IRMS
(A)
ASPI-0804T-1R0M
1.0
0.009
9.0
6.8
ASPI-0804T-1R5M
1.5
0.010
8.0
6.4
ASPI-0804T-2R2M
2.2
0.012
7.0
6.1
ASPI-0804T-3R3M
3.3
0.015
6.4
5.4
ASPI-0804T-4R7M
4.7
0.018
5.4
4.8
ASPI-0804T-6R8M
6.8
0.027
4.6
4.4
ASPI-0804T-100M
10
0.038
3.8
3.9
ASPI-0804T-150M
15
0.046
3.0
3.1
ASPI-0804T-220M
22
0.085
2.6
2.7
ASPI-0804T-330M
33
0.100
2.0
2.1
ASPI-0804T-470M
47
0.140
1.6
1.8
ASPI-0804T-680M
68
0.200
1.4
1.5
ASPI-0804T-101M
100
0.280
1.2
1.3
ASPI-0804T-151M
150
0.40
1.00
1.0
ASPI-0804T-181M
181
0.52
0.90
0.9
ASPI-0804T-221M
220
0.61
0.80
0.8
ASPI-0804T-331M
330
1.02
0.60
0.6
ASPI-0804T-471M
470
1.27
0.50
0.5
ASPI-0804T-681M
680
2.02
0.40
0.4
ASPI-0804T-102M
1000
3.00
0.30
0.3
ASPI-0804T-222M
2200
7.00
0.25
0.25
ASPI-0804T-272M
0.2
2700
12.00
0.20


Similar Part No. - ASPI-0804T-3R3M

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0804T-3R3 ABRACON-ASPI-0804T-3R3 Datasheet
1Mb / 2P
Special design lead wire for high isolation
10.21.11
More results

Similar Description - ASPI-0804T-3R3M

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
GS43-1R0 ICE-GS43-1R0 Datasheet
783Kb / 3P
Surface Mount Power Inductors
LO3316 ICE-LO3316 Datasheet
408Kb / 1P
Surface Mount Power Inductors
LS125 ICE-LS125 Datasheet
567Kb / 1P
Surface Mount Power Inductors
LS3316 ICE-LS3316 Datasheet
542Kb / 1P
Surface Mount Power Inductors
GS43-1R0 ICE-GS43-1R0_08 Datasheet
136Kb / 3P
Surface Mount Power Inductors
LO1608 ICE-LO1608_08 Datasheet
174Kb / 1P
Surface Mount Power Inductors
LS74 ICE-LS74_08 Datasheet
218Kb / 1P
Surface Mount Power Inductors
LS1608 ICE-LS1608_08 Datasheet
174Kb / 1P
Surface Mount Power Inductors
logo
TT Electronics.
HM62-2610 TTELEC-HM62-2610 Datasheet
1Mb / 8P
Surface Mount Power Inductors
logo
RENCO ELECTRONICS, INC.
RL-6280 RENCO-RL-6280 Datasheet
410Kb / 6P
SURFACE MOUNT POWER INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com