Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASSFL Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASSFL
Description  3.3V LOW EMI SMD SPREAD SPECTRUM CLOCK OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASSFL Datasheet(HTML) 2 Page - Abracon Corporation

  ASSFL Datasheet HTML 1Page - Abracon Corporation ASSFL Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ABRACON IS
ABRACON IS
ISO 9001 / QS 9000
ISO 9001 / QS 9000
CERTIFIED
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
3.3V LOW EMI SMD SPREAD SPECTRUM CLOCK OSCILLATOR
3.3V LOW EMI SMD SPREAD SPECTRUM CLOCK OSCILLATOR
3.3V LOW EMI SMD SPREAD SPECTRUM CLOCK OSCILLATOR
|||||||||||||||
ASSFL SERIES
*RoHS COMPLIANT
MARKING:
- TUH
Frequency
- ASSFL ZYX
Part Number; (Date code, Y=year, W=week) (eg. 0603= third week of 2006)
PIN
FUNCTION
1
2
3
4
Tri-state
GND
Output
Input
Table 1
D1
-1%
D3
-3%
C0.5
±0.5%
C1.5
±1.5%
Down Spread
Spread types and %
Center Spread
Note 1:
TUH : Frequency
T= First " ten" digit of frequency
U = First " unit" of frequency
H = First " tenth" of frequency
Example: 100 for 10.0 MHz
143 for 14.31818 MHz
ZY : Date Code
Z = Month (A to L)
Y = Year (6 for 2006)
X = Traceability
OPTIONS AND PART IDENTIFICATION (Left blank if standard):
OUTLINE DRAWING:
Temperature options:
-
D for 40°C to +85°C
ASSFL - Frequency - Operating Temperature - Frequency Stability - Spread type - Packaging
Frequency stability option:
-
W for 25 ppm max
-
Z for 50 ppm max
Packaging option:
-
T for Tape and Reel
*
* Standard
5.0 x 3.2 x 1.2mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com