Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA5630BT Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA5630BT
Description  9 V VHF and UHF mixer/oscillator for TV and VCR cable tuners
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5630BT Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA5630BT Datasheet HTML 5Page - NXP Semiconductors TDA5630BT Datasheet HTML 6Page - NXP Semiconductors TDA5630BT Datasheet HTML 7Page - NXP Semiconductors TDA5630BT Datasheet HTML 8Page - NXP Semiconductors TDA5630BT Datasheet HTML 9Page - NXP Semiconductors TDA5630BT Datasheet HTML 10Page - NXP Semiconductors TDA5630BT Datasheet HTML 11Page - NXP Semiconductors TDA5630BT Datasheet HTML 12Page - NXP Semiconductors TDA5630BT Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
1996 Jun 06
9
Philips Semiconductors
Product specification
9 V VHF and UHF mixer/oscillator for TV
and VCR cable tuners
TDA5630BT
Fig.5 Noise figure measurement in band A.
(1) NF = NFmeas − loss (input circuit) dB.
handbook, full pagewidth
MBH046
D.U.T.
INPUT
CIRCUIT
(see Fig. 5)
AIN
GND
IFOUT1
IFOUT2
BNC
RIM
NOISE
METER
NOISE
SOURCE
2 x 5
turns
2
turns
TR
N1/N2 = 5
Fig.6 Cross modulation measurement in band A.
Vmeas =Vo − 15.4 dB (transformer ratio N1/N2 = 5 and transformer loss).
Wanted output signal at fRFW = 300 MHz: Vow =104 dBµV (Vmeas = 88.6 dBµV).
We measure the level of the unwanted signal Vou causing 0.3% AM modulation in the wanted output signal; fRFU = 305.5 MHz.
Vou =Vmeas + 15.4 dB.
fosc = 338.9 MHz.
Filter characteristics: fc = 38.9 MHz; f−3dBBW = 1.2 MHz; f−30dBBW = 2.64 MHz.
handbook, full pagewidth
unwanted
signal
source
e
w
50
Ω
50
Ω
wanted
signal
source
e
u
50
Ω
MBH047
D.U.T.
AIN
GND
IFOUT1
IFOUT2
18 dB
attenuator
50
Ω
o
N1/N2 = 5
2 x 5
turns
2
turns
V
FILTER
38.9 MHz
modulation
analyzer
HYBRID
AC
BD
V
RMS
voltmeter
AM = 30%
1 kHz
Vmeas



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com