Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASTC-02 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASTC-02
Description  SMT TOROID INDUCTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASTC-02 Datasheet(HTML) 1 Page - Abracon Corporation

  ASTC-02 Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMT TOROID INDUCTOR
SMT TOROID INDUCTOR
SMT TOROID INDUCTOR
ASTC-02 SERIES
|||||||||||||||
STANDARD SPECIFICATIONS:
PHYSICAL CHARACTERISTICS:
TECHNICAL INFORMATION:
• T for Tape & Reel
RoHS compliance effective 0526,
label on reel and box
Dimension: inch
Part
L (µH)
Full load
DCR Max
DC Bias
Number
± 20%
Inductance
Parallel
Parallel
(µH) Min
(mΩ)(A)
ASTC-02-1
0.49
0.37
5
7.90
ASTC-02-2
0.76
0.56
6
7.20
ASTC-02-3
1.10
0.81
9
5.90
ASTC-02-4
1.95
1.42
14
4.60
ASTC-02-5
5.15
3.56
27
3.30
ASTC-02-6
7.81
5.15
33
3.00
ASTC-02-7
9.88
6.70
47
2.50
ASTC-02-8
14.76
9.52
57
2.30
ASTC-02-9
20.62
13.44
85
1.90
ASTC-02-10
25.65
17.17
116
1.60
ASTC-02-11
33.21
22.93
166
1.30
ASTC-02-12
48.80
32.21
202
1.20
ASTC-02-13
67.37
43.04
238
1.10
ASTC-02-14
99.09
69.54
565
0.72
ASTC-02-15
149.45
101.46
696
0.64
ASTC-02-16
200.11
131.37
810
0.60
ASTC-02-17
298.93
188.03
1003
0.54
ABRACON IS
ABRACON IS
ISO 9001 / QS 9000
ISO 9001 / QS 9000
CERTIFIED
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com


Similar Part No. - ASTC-02

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASTC-01 ABRACON-ASTC-01 Datasheet
148Kb / 1P
SMT TOROID INDUCTOR
ASTC-01-1 ABRACON-ASTC-01-1 Datasheet
148Kb / 1P
SMT TOROID INDUCTOR
ASTC-01-10 ABRACON-ASTC-01-10 Datasheet
148Kb / 1P
SMT TOROID INDUCTOR
ASTC-01-11 ABRACON-ASTC-01-11 Datasheet
148Kb / 1P
SMT TOROID INDUCTOR
ASTC-01-12 ABRACON-ASTC-01-12 Datasheet
148Kb / 1P
SMT TOROID INDUCTOR
More results

Similar Description - ASTC-02

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASTC-01 ABRACON-ASTC-01 Datasheet
148Kb / 1P
SMT TOROID INDUCTOR
ASTC-03 ABRACON-ASTC-03 Datasheet
146Kb / 1P
SMT TOROID INDUCTOR
ASTC-04 ABRACON-ASTC-04 Datasheet
148Kb / 1P
SMT TOROID INDUCTOR
logo
Rhombus Industries Inc.
L-696 RHOMBUS-IND-L-696 Datasheet
34Kb / 1P
Toroid Inductor
05/15/01
logo
XFMRS Inc.
XF0206-VM230 XFMRS-XF0206-VM230 Datasheet
36Kb / 1P
Toroid Inductor
2XF0025-VO XFMRS-2XF0025-VO_15 Datasheet
56Kb / 1P
TOROID INDUCTOR
2XF0250-VP XFMRS-2XF0250-VP_15 Datasheet
50Kb / 1P
TOROID INDUCTOR
2XF0500-VO XFMRS-2XF0500-VO_15 Datasheet
36Kb / 1P
TOROID INDUCTOR
XF2120-221K XFMRS-XF2120-221K Datasheet
39Kb / 1P
SMT HIGH CURRENT TOROID INDUCTOR
XF2120-390K XFMRS-XF2120-390K Datasheet
36Kb / 1P
SMT HIGH CURRENT TOROID INDUCTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com