Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASVTX-12 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASVTX-12
Description  TEMPERATURE COMPENSATED/VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASVTX-12 Datasheet(HTML) 1 Page - Abracon Corporation

  ASVTX-12 Datasheet HTML 1Page - Abracon Corporation ASVTX-12 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
| | | | | | | | | | | | | | |
ASTX-12, ASVTX-12
• Cellular and cordless phones.
• Standard OSC for exact equipment.
• Mobile communication equipment.
• Portable radio equipment.
• Personal Digital Assistants (PDAs).
• Portable music players.
• Compact and low in height.
• Low current consumption.
• Low phase noise.
• Suitable for high-density SMT.
• Vc function corresponds to PLL circuits.
• IR reflow soldering possible.
2.5 X 2.0 X 1.0mm
Frequency Range
19.2 MHz to 38.4 MHz
Standard Frequencies
19.200 MHz, 26.000 MHz, 38.400 MHz
Operating Temperature
- 30° C to + 75° C
Storage Temperature
- 40° C to + 85° C
Frequency Stability
± 2.5 ppm (- 30° C ~ + 75° C)
Frequency Adjustment Range
± 4 ~ ±15 ppm (for ASVTX-12 Only)
Supply Voltage (Vdd)
2.4V ~ 3.0V ± 5% (see option)
Supply Current (Idd)
2.5mA max.
Output Voltage
0.8 V p-p min.
10 kΩ
Output Load
// 10 pF
Control Voltage (Vcc)
Center voltage ±1.0V (for ASVTX-12 Only)
Aging (first year)
± 1.0ppm / year max.
Start-up Time
3.5msec max.
ABRACON P/N
ASTX-12 Series or ASVTX-12 Series
Vdd (V)
A
B
C
D
3.0 ± 5%
2.8 ± 5%
2.75 ± 5%
2.4 ± 5%
Packaging
Blank
T
Tape and Reel
2,000 pcs
Bulk
*Preliminary
Pb RoHS
Compliant
Revised: 03.01.07
ASTX or ASVTX - 12 - - Frequency -
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
APPLICATIONS:
FEATURES:
STANDARD SPECIFICATIONS:
OPTIONS & PART IDENTIFICATION:
(Left blank if standard)
PARAMETERS
TEMPERATURE COMPENSATED/VOLTAGE CONTROLLED
CRYSTAL OSCILLATOR


Similar Part No. - ASVTX-12

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASVTX-11 ABRACON-ASVTX-11 Datasheet
3Mb / 2P
TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
3.20.07
ASVTX-11 ABRACON-ASVTX-11 Datasheet
206Kb / 2P
VOLTAGE CONTROLLED TEMPERATURE COMPENSATED SMD CRYSTAL OSCILLATOR
02.25.08
logo
AVAGO TECHNOLOGIES LIMI...
ASVTX-11 AVAGO-ASVTX-11 Datasheet
959Kb / 2P
Low current consumption 1.5mA for 19.68MHz Suitable for RoHS reflow profile
logo
Abracon Corporation
ASVTX-11-121 ABRACON-ASVTX-11-121 Datasheet
1Mb / 3P
Vc function corresponds to PLL circuits
10.19.15
More results

Similar Description - ASVTX-12

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VTC21 VECTRON-VTC21 Datasheet
187Kb / 6P
Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Abracon Corporation
ASVTX-09 ABRACON-ASVTX-09 Datasheet
154Kb / 2P
VOLTAGE CONTROLLED TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
5.03.07
ASVTX-09 ABRACON-ASVTX-09_07 Datasheet
155Kb / 2P
VOLTAGE CONTROLLED TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
09.20.07
logo
Vectron International, ...
VTD3-07 VECTRON-VTD3-07 Datasheet
203Kb / 7P
Voltage Controlled Temperature Compensated Crystal Oscillator
VTC1 VECTRON-VTC1 Datasheet
202Kb / 9P
Voltage Controlled Temperature Compensated Crystal Oscillator
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
logo
RF Monolithics, Inc
XVT9009 RFM-XVT9009 Datasheet
564Kb / 3P
Voltage Controlled Temperature Compensated Crystal Oscillator
XVT9006 RFM-XVT9006 Datasheet
453Kb / 3P
Voltage Controlled Temperature Compensated Crystal Oscillator
XVT9003-1 RFM-XVT9003-1 Datasheet
462Kb / 3P
Voltage Controlled Temperature Compensated Crystal Oscillator
XVT9003 RFM-XVT9003 Datasheet
284Kb / 3P
Voltage Controlled Temperature Compensated Crystal Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com