Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM74-R85 Datasheet(PDF) 2 Page - Bi technologies

Part # HM74-R85
Description  High Frequency High Current Low Profile Surface Mount Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM74-R85 Datasheet(HTML) 2 Page - Bi technologies

  HM74-R85 Datasheet HTML 1Page - Bi technologies HM74-R85 Datasheet HTML 2Page - Bi technologies HM74-R85 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
6-122
Model HM74 Series
Inductance (1)
Rated (2)
DC
DC (3)
Nominal
DC Current
Resistance
Resistance
Part
µH
Amps
m
m
Number
±20%
Max.
Typ.
HM74-R47
0.47
26.0
1.1
0.9
HM74-R85
0.85
19.0
2.1
1.8
HM74-1R4
1.40
14.5
3.6
3.0
HM74-2R1
2.10
12.5
4.4
3.7
HM74-3R0
3.00
8.0
11.9
9.9
HM74-4R0
4.00
7.5
13.7
11.4
HM74-5R1
5.10
7.0
15.5
12.9
HM74-6R3
6.30
6.5
17.2
14.3
SPECIFICATIONS
Notes: (1) Inductance measured at 100kHz, 0.25V without DC current.
(2) Rated DC current is the approximate current at which inductance will be decreased by 20% from
its initial (zero DC) value or the DC current at which
∆T = 50°C, whichever is lower.
(3) DC resistance measured at 20°C.
HM74
1RO
TR
Model Series
Packaging Option:
TB = Tubes (32 Units /Tube)
TR = Tape & 13" Reel (250 Units /Reel)
Inductance Code:
First two digits are significant.
Last digit denotes number of
trailing zeros. Values below
10
µH "R" denotes decimal point.
ORDERING INFORMATION



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com