Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA5637B Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA5637B
Description  9 V VHF hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5637B Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA5637B Datasheet HTML 9Page - NXP Semiconductors TDA5637B Datasheet HTML 10Page - NXP Semiconductors TDA5637B Datasheet HTML 11Page - NXP Semiconductors TDA5637B Datasheet HTML 12Page - NXP Semiconductors TDA5637B Datasheet HTML 13Page - NXP Semiconductors TDA5637B Datasheet HTML 14Page - NXP Semiconductors TDA5637B Datasheet HTML 15Page - NXP Semiconductors TDA5637B Datasheet HTML 16Page - NXP Semiconductors TDA5637B Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
1996 Dec 02
13
Philips Semiconductors
Product specification
9 V VHF hyperband and UHF mixer/oscillator for
TV and VCR 3-band tuners
TDA5636B; TDA5637B
Fig.8 Gain measurement in bands B and C.
Vi =Vmeas ; Vo =V’meas ×
+ 15.4 dB (transformer ratio
and transformer loss).
Voltage gain for band B and C = 20log
+ loss(hybrid).
loss(hybrid) = 1 dB.
50
27
+
50
-------------------


N1
N2
--------
V
o
V
i
------
handbook, full pagewidth
MGC506
D.U.T.
RFB
(RFC)
RFB
(RFC)
IF
out
IF
out
27
Ω
50
Ω
V
o
2 x 5
turns
2
turns
i
V
meas
V'
spectrum
analyzer
signal
source
V
V
HYBRID
AC
BD
TR
N1/N2 = 5
e
50
Ω
50
Ω
50
Ω
meas
RMS
voltmeter
Fig.9 Noise figure measurement in bands B and C.
handbook, full pagewidth
MBH049
D.U.T.
IFOUT1
IFOUT2
NOISE
METER
NOISE
SOURCE
2 x 5
turns
2
turns
TR
N1/N2 = 5
HYBRID
AC
BD
50
Ω
CIN1
CIN2
Loss of the hybrid: 1 dB.
NF = NFmeas − loss of the hybrid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com