Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MFSS100 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MFSS100
Description  (2.54 mm) Headers Available in 2-36 Circuits
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MFSS100 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MFSS100 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mas-Con®
Series MF/ML/MP
.100" Headers
.100" (2.54 mm) Headers
Available in 2-36 Circuits
Right Angled MFAS...
Right Angled Locking MLAS
Right Angled Polarizing MPAS...
Printed Circuit Layout...
Straight MFSS...
Straight, Locking MLSS...
*Slotted Back Wall: 13 and 15-36 Circuits
Straight, Polarizing MPSS...
No. of Circuits
2
3 4
5 6
7
8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36
Dimensions
Dimensions
No. of Circuits 2-36 (Contact Factory For Circuit Availability)
s
s s
s = Number of Circuits
Description
Straight
Straight Locking
Straight Polarizing
Angled
Angled Locking
Angled Polarizing
MFSS100- s
s s
s
MLSS100- s
s s
s
MPSS100- s
s s
s
MFAS100- s
s s
s
MLAS100- s
s s
s
MPAS100- s
s s
s
Part Number
9
*Slotted Back Wall: 13 and
15-36 Circuits
.038 ±.01
(1.0 ±0.25)
.37
(9.4)
.27
(6.9)
.038 ±.01
(1.0 ±0.25)
.37
(9.4)
.27
(6.9)
*
* * * * * * ** ** *** *
* * * * *
* *
*
For MLSS100 and MLAS100 - Circuits 2-12 and 14 - See Page 11


Similar Part No. - MFSS100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MFSS100-16-CB ETC-MFSS100-16-CB Datasheet
91Kb / 1P
Mass Terminated Connector System Male Headers Mate With Female Connectors
MFSS100-2-CB ETC-MFSS100-2-CB Datasheet
91Kb / 1P
Mass Terminated Connector System Male Headers Mate With Female Connectors
MFSS100-5-C ETC-MFSS100-5-C Datasheet
91Kb / 1P
Mass Terminated Connector System Male Headers Mate With Female Connectors
MFSS100-8-D ETC-MFSS100-8-D Datasheet
91Kb / 1P
Mass Terminated Connector System Male Headers Mate With Female Connectors
MFSS10015610D ETC-MFSS10015610D Datasheet
91Kb / 1P
Mass Terminated Connector System Male Headers Mate With Female Connectors
More results

Similar Description - MFSS100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLSS100 ETC2-MLSS100 Datasheet
43Kb / 1P
(2.54 mm) Headers Available in 2-12, 14 Circuits
logo
Adam Technologies, Inc.
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
.100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
BHRE50VUAXXX ADAM-TECH-BHRE50VUAXXX Datasheet
130Kb / 1P
.100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
logo
Tyco Electronics
5-103169-3 MACOM-5-103169-3 Datasheet
3Mb / 96P
AMPMODU Headers and Receptacles, .100 [2.54] Centerline
5-146130-4 MACOM-5-146130-4 Datasheet
3Mb / 96P
AMPMODU Headers and Receptacles, .100 [2.54] Centerline
5-146269-1 MACOM-5-146269-1 Datasheet
3Mb / 96P
AMPMODU Headers and Receptacles, .100 [2.54] Centerline
logo
Adam Technologies, Inc.
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
logo
List of Unclassifed Man...
CE100F24-2-D ETC2-CE100F24-2-D Datasheet
63Kb / 1P
.100 (2.54 mm) End and Through Connectors Available in 2-28 Circuits with Optional Cover
logo
Samtec, Inc
EJH SAMTEC-EJH Datasheet
198Kb / 1P
SHROUDED IDC EJECTOR HEADERS (2.54 mm) .100" PITCH • EJH SERIES
TST SAMTEC-TST Datasheet
255Kb / 1P
SHROUDED .025" SQ POST IDC HEADERS (2.54 mm) .100" PITCH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com