Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MYG Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MYG
Description  Low leakage current,Excellent voltage ratio
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MYG Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MYG Datasheet HTML 1Page - List of Unclassifed Manufacturers MYG Datasheet HTML 2Page - List of Unclassifed Manufacturers MYG Datasheet HTML 3Page - List of Unclassifed Manufacturers MYG Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MYG Varistors Data Sheet
Electrical Performance Characteristics
Characteristics
Test Method
Specifications
Standard test condition
Environmental conditions under which every measuring is done
without doubt on the measuring results. Unless specified, the
temperature, and relative humidity should be 5 to 35
and 45 to
85% respectively.
Varistor voltage
The varistor voltage is measured with an impressed current of 1mA
(exception, 5 :0.1mA) and serves to characterize each varistor
type.
To meet the
specified value
Maximum operating voltage
The maximum sinusoidal RMS voltage or maximum DC voltage that
can be applied continuously in the specified environmental
temperature range.
Maximum clamping voltage
Maximum clamping voltage is the maximum voltage VP between two
terminals with the specified standard impulse current IP (8/20µS).
Withstanding surge current
The maximum current within the varistor voltage change of ±10%
with the standard impulse current (8/20µS) applied one or two times.
Energy
The maximum energy within the varistor voltage change of±10%
when one impulse of 10/1000µs m-sec is applied.
Rated power
The maximum power that can be applied within the specified
ambient temperature.
Capacitance
The capacitance of varistor is the typical value measured at 1 KHz,
1Vrms max, OV bias and 25±2
.
Temperature Coefficient of
varistor Voltage
(VC at 85
- VC at 25 ) / (VC at 25 ) * 1 / 60 * 100 (%/ )
-0.05%/
max.
Mechanical Performance Characteristics
Characteristics
Test Methods
Specifications
Robustness of Terminations
(Tensile)
After gradually applying the force specified below and keeping the
unit fixed for ten seconds, the terminal shall be visually examined for
any damage.
Terminal diameter
Force
0.6mm
9.8N (1.0kgf)
0.8mm
9.8N (1.0kgf)
1.0mm
19.6N (2.0kgf)
Robustness of
Terminations
(Bending)
The unit shall be secured with its terminal kept vertical and the force
specified below be applied in the axial direction. The terminal shall
gradually be bent by 90° in one direction, then 90
° in the opposite
direction, and again back to the original position. The damage of the
terminal shall be visually examined.
Terminal diameter
Force
0.6mm
4.9N (0.5kgf)
0.8mm
4.9N (0.5kgf)
1.0mm
9.8N (1.0kgf)
Vibration
After repeatedly applying a single harmonic vibration (amplitude:
0.75 mm): double amplitude: 1.5 mm with 1 minute vibration
frequency cycles (10 Hz to 55 Hz to 10 Hz) to each of three
perpendicular directions for 2 hours. Thereafter, the unit shall be
visually examined.
No outstanding
damage
Solderability
After dipping the terminals to a depth of approximately 3 mm from
the body in a soldering bath of 235±5
for 2±0.5 seconds, the
terminal shall be visually examined.
Approximately
95% of the
terminals shall
be covered with
solder uniformly.
Resistance to Soldering
Heat
After each lead shall be dipped into a solder bath having a
temperature 260±5
to a point 2.0 to 2.5 mm from the body of the
unit, using shielding board (t=1.5mm), be held there for specified
time (5 series: 5±1 s and others: 10±1 s), and then be stored at room
temperature and humidity for 1 to 2 hours. The change of Vc and
mechanical damages are examined.
VcmA/VcmA
±5% No
outstanding
damage
4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com