Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMA64A Datasheet(PDF) 3 Page - Compact Technology Corp.

Part # SMA64A
Description  Transient Voltage Suppressors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

SMA64A Datasheet(HTML) 3 Page - Compact Technology Corp.

  SMA64A Datasheet HTML 1Page - Compact Technology Corp. SMA64A Datasheet HTML 2Page - Compact Technology Corp. SMA64A Datasheet HTML 3Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
P4SMA series
Compact Technology
3 of 3
P4SMA series
Reverse
Stand-off
Voltage
Break-
down
Voltage
Min@IT
Break-
down
Voltage
Max@IT
Test
Current
Max
Clamping
Voltage
VC@IPP
Peak
Pulse
Current
Reverse
Leakage
IR@VRRM
VRRM
VBR
VBR
IT
VC
IPP
IR
UNI
BI
UNI
BI
V
V
V
mA
V
A
uA
SMA100A
SMA100CA
A100A
A100CA
100.0
111.00
123.00
1.0
162.0
2.47
5
SMA110A
SMA110CA
A110A
A110CA
110.0
122.00
135.00
1.0
177.0
2.26
5
SMA120A
SMA120CA
A120A
A120CA
120.0
133.00
147.00
1.0
193.0
2.07
5
SMA130A
SMA130CA
A130A
A130CA
130.0
144.00
159.00
1.0
209.0
1.91
5
SMA140A
SMA140CA
A140A
A140CA
140.0
155.00
171.00
1.0
227.0
1.76
5
SMA150A
SMA150CA
A150A
A150CA
150.0
167.00
185.00
1.0
243.0
1.65
5
SMA160A
SMA160CA
A160A
A160CA
160.0
178.00
197.00
1.0
259.0
1.54
5
SMA170A
SMA170CA
A170A
A170CA
170.0
189.00
209.00
1.0
275.0
1.45
5
SMA180A
SMA180CA
A180A
A180CA
180.0
200.00
220.00
1.0
292.0
1.37
5
SMA190A
SMA190CA
A190A
A190CA
190.0
211.00
232.00
1.0
308.0
1.30
5
Note:
1. Suffix 'A ' denotes 5% tolerance device. Without 'A' denotes 10% tolerance device.
2. Add suffix 'C 'or ' CA ' after part number to specify Bi-directional devices.
3. For Bi-Directional devices having VR of 10 volts and under, the IR limit is double .
Part
Number
Marking
Code
DIRECTIONAL
DIRECTIONAL



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com