Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACR Datasheet(PDF) 1 Page - Abracon Corporation

Part # ACR
Description  HIGH FREQUENCY MHZ LEADED WASHABLE AUTOMOTVE GRADE CERAMIC CRYSTAL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACR Datasheet(HTML) 1 Page - Abracon Corporation

  ACR Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Lead free solder (standard) Temp Graph.
Dimensions: inch (mm)
ACR - XX.XXMHz - CXX - IOXX - SOXX - AOXX - Packaging
XX.XX: Freq in MHz
Packaging option:
Ammo for ammo packing
C Option:
Specify Cap value in pF
IO Option:
Frequency Tolerance in %
SO Option:
Frequency Stability in %
AO Option:
Aging in %
MARKING:
X.XXMZY
- X.XX
(Frequency in MHz)
(First 3 digits of frequency) Ex: 4.00, 3.57, 2.44, 32.0;
Z Month (A to L); Y Year 2 for 2002
FREQ (MHz)
H (max.)
2.00 ~ 6.00
6.01 ~ 8.00
8.01 ~13.00
13.01 ~ 20.00
20.01 ~ 25.99
26.00 ~ 50.00
8.0
8.0
10.0
10.0
10.0
10.0
30.0
30.0
22.0
15.0
15.0
5.0
ABRACON IS
ABRACON IS
ISO 9001 / QS 9000
ISO 9001 / QS 9000
CERTIFIED
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
|||||||||||||||
ACR
HIGH FREQUENCY MHZ LEADED WASHABLE
HIGH FREQUENCY MHZ LEADED WASHABLE
AUTOMOTVE GRADE CERAMIC CRYSTAL
AUTOMOTVE GRADE CERAMIC CRYSTAL
HIGH FREQUENCY MHZ LEADED WASHABLE
AUTOMOTVE GRADE CERAMIC CRYSTAL
STANDARD SPECIFICATIONS:
OPTIONS AND PART IDENTIFICATION (Left blank if standard):
WAVE PEAK SOLDER PROFILE:
OUTLINE DRAWING:
Test Ciruit:
C1=C2 (pF) ±20% built in
Oscillation Frequency Range
Capacitance Change
ITEM
SPECIFICATION
APPLICATIONS:
• Microprocessor clocks
• Electric appliances
• Remote controls
FEATURES:
• Excellent environmental resistance
• Low cost timing solution
• Built-in capacitors save space & components
Size Varies
Part Number
Frequency
Frequency
Aging
Vdd
Total
Tolerance
Stability
in 10
at 25°C
at - 20°C to +80°C
years
ACR-X.XXM
2.000 MHz - 6.00 MHz
± 0.5%
± 0.3%
±0.2%
5V
±1.0%
ACR-X.XXM
6.01 MHz - 8.00 MHz
± 0.5%
± 0.3%
±0.2%
5V
±1.0%
ACR-X.XXM
8.01 MHz - 13.49 MHz
± 0.5%
± 0.9%
±0.3%
12V
±1.7%
ACR-X.XXM
13.50 MHz - 50.00 MHz
± 0.5%
± 0.3%
±0.2%
5V
±1.0%
Storage temperature:
- 40°C to + 125°C
± 0.3% max.
± 20% max.
MC14069UBP
TC74HCU04
MC14069UBP
MC14069UBP
(X.XX denotes freq. in MHz)
IC Tested


Similar Part No. - ACR

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
ACR ALPHAWIRE-ACR Datasheet
194Kb / 2P
M12-A Female Rear Mount PG9 Receptacle
logo
Applied Concepts Inc.
ACR-0334-2274 ACIPOWER-ACR-0334-2274 Datasheet
291Kb / 2P
QUAD BANK LED RAIL
ACR-0402-1779 ACIPOWER-ACR-0402-1779 Datasheet
230Kb / 2P
DUAL BANK LED RAIL
ACR-0534-2413 ACIPOWER-ACR-0534-2413 Datasheet
285Kb / 2P
QUAD BANK LED RAIL
ACR-0551-2183 ACIPOWER-ACR-0551-2183 Datasheet
280Kb / 2P
SINGLE BANK LED RAIL
More results

Similar Description - ACR

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABM53CA ABRACON-ABM53CA Datasheet
155Kb / 2P
COMMERCIAL GRADE CERAMIC SMD CRYSTAL
07.05.07
ASCR ABRACON-ASCR Datasheet
376Kb / 2P
HIGH FREQUENCY MHZ SMD CERAMIC RESONATORS
07.05.07
AWSZTMGS-T ABRACON-AWSZTMGS-T Datasheet
390Kb / 3P
HIGH FREQUENCY, WITHOUT BUILT-IN CAPACITORS SMD WASHABLE CERAMIC RESONATORS
Rev. B 01/2003
logo
Epson ToYoCom
FH-33H EPSONTOYOCOM-FH-33H Datasheet
355Kb / 2P
MHz RANGE CRYSTAL UNIT High Frequency SMD
logo
Fox Electronics
FXA2520B FOX-FXA2520B Datasheet
188Kb / 2P
Ceramic SMD Automotive Grade Crystal
FXA3225B FOX-FXA3225B Datasheet
188Kb / 2P
Ceramic SMD Automotive Grade Crystal
FXA7050B FOX-FXA7050B Datasheet
204Kb / 2P
Ceramic SMD Automotive Grade Crystal
FXA2016B FOX-FXA2016B Datasheet
382Kb / 1P
Ceramic SMD Automotive Grade Crystal
logo
Golledge Electronics Lt...
GCX-39 GOLLEDGE-GCX-39 Datasheet
535Kb / 4P
High Frequency Cylindrical Leaded Crystal
GCX-26 GOLLEDGE-GCX-26 Datasheet
530Kb / 4P
Low Frequency Cylindrical Leaded Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com