Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA6402A Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA6402A
Description  5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6402A Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA6402A Datasheet HTML 1Page - NXP Semiconductors TDA6402A Datasheet HTML 2Page - NXP Semiconductors TDA6402A Datasheet HTML 3Page - NXP Semiconductors TDA6402A Datasheet HTML 4Page - NXP Semiconductors TDA6402A Datasheet HTML 5Page - NXP Semiconductors TDA6402A Datasheet HTML 6Page - NXP Semiconductors TDA6402A Datasheet HTML 7Page - NXP Semiconductors TDA6402A Datasheet HTML 8Page - NXP Semiconductors TDA6402A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
2000 Jan 24
3
Philips Semiconductors
Product specification
5 V mixers/oscillators and synthesizers for
cable TV and VCR 2-band tuners
TDA6402; TDA6402A;
TDA6403; TDA6403A
The device can be controlled according to the I2C-bus
format or 3-wire bus format depending on the voltage
applied to pin SW (see Table 2). In the 3-wire bus mode
(SW = HIGH), pin LOCK/ADC is the LOCK output.
The LOCK output is LOW when the PLL loop is locked.
In the I2C-bus mode (SW = LOW), the lock detector bit FL
is set to logic 1 when the loop is locked and is read on the
SDA line (Status Byte; SB) during a READ operation in
I2C-bus mode only. The Analog-to-Digital Converter
(ADC) input is available on pin LOCK/ADC for digital AFC
control in the I2C-bus mode only. The ADC code is read
during a READ operation on the I2C-bus (see Table 11).
In test mode, pin LOCK/ADC is used as a TEST output for
fREF and 1⁄2fDIV, in both I2C-bus mode and 3-wire bus mode
(see Table 7).
When the automatic charge pump current switch mode is
activated and when the loop is phase-locked, the charge
pump current value is automatically switched to LOW. This
action is taken to improve the carrier-to-noise ratio.
The status of this feature can be read in the ACPS flag
during a READ operation on the I2C-bus (see Table 9).
I2C-bus mode (SW = GND)
Five serial bytes (including address byte) are required to
address the device, select the VCO frequency, program
the four ports, set the charge pump current and set the
reference divider ratio. The device has four independent
I2C-bus addresses which can be selected by applying a
specific voltage on input CE (see Table 6).
3-wire bus mode (SW = OPEN or VCC)
Data is transmitted to the devices during a HIGH-level on
input CE (enable line). The device is compatible with 18-bit
and 19-bit data formats, as shown in Figs 4 and 5. The first
four bits are used to program the PNP ports and the
remaining bits control the programmable divider. A 27-bit
data format may also be used to set the charge pump
current, the reference divider ratio and for test purposes
(see Fig.6).
It is not allowed to address the devices with words whose
length is different from 18, 19 or 27 bits.
Table 1
Data word length for 3-wire bus
Note
1. The selection of the reference divider is given by an automatic identification of the data word length. When the 27-bit
format is used, the reference divider is controlled by RSA and RSB bits (see Table 8). More details are given in
Chapter “PLL functional description”, Section “3-wire bus mode (SW = OPEN or VCC)”.
TYPE NUMBER
DATA WORD
REFERENCE DIVIDER(1)
FREQUENCY STEP
TDA6402; TDA6402A; TDA6403; TDA6403A
18-bit
512
62.50 kHz
TDA6402; TDA6402A; TDA6403; TDA6403A
19-bit
1024
31.25 kHz
TDA6402; TDA6402A; TDA6403; TDA6403A
27-bit
programmable
programmable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com