Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS25 Datasheet(PDF) 2 Page - ON Semiconductor

Part # SS25
Description  Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS25 Datasheet(HTML) 2 Page - ON Semiconductor

  SS25 Datasheet HTML 1Page - ON Semiconductor SS25 Datasheet HTML 2Page - ON Semiconductor SS25 Datasheet HTML 3Page - ON Semiconductor SS25 Datasheet HTML 4Page - ON Semiconductor SS25 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SS23, SS24, SS25, SS26, SS28, SS29, S210
www.onsemi.com
2
MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
SS23
SS24
SS25
SS26
SS28
SS29
S210
Maximum Repetitive Reverse Voltage
VRRM
30
40
50
60
80
90
100
V
Maximum Average Forward Current:
0.375−inch Lead Length at TA = 75°C
IF(AV)
2.0
A
Non−Repetitive Peak Forward Surge
Current: 8.3 ms Single Half−Sine Wave
IFSM
50
A
Storage Temperature Range
TSTG
−65 to +150
°C
Operating Junction Temperature
TJ
−65 to +125
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Power Dissipation
PD
1.3
W
Thermal Resistance, Junction to Ambient
(Note 1)
RqJA
75
°C/W
1. Device mounted on FE−4 PCB 0.013 mm.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Symbol
Rating
Test Conditions
Value
Unit
SS23
SS24
SS25
SS26
SS28
SS29
S210
VF
Forward Voltage
IF = 2.0 A
500
700
850
mV
IR
Reverse Current at
Rated VR
TA = 25°C
0.4
mA
TA = 100°C
10
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com