Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS516H-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # BAS516H-HF
Description  SMD Switching Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

BAS516H-HF Datasheet(HTML) 3 Page - Comchip Technology

  BAS516H-HF Datasheet HTML 1Page - Comchip Technology BAS516H-HF Datasheet HTML 2Page - Comchip Technology BAS516H-HF Datasheet HTML 3Page - Comchip Technology BAS516H-HF Datasheet HTML 4Page - Comchip Technology BAS516H-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SMD Switching Diodes
QW-J0015
Comchip Technology CO., LTD.
Reel Taping Specification (For BAS516H-F-HF)
Notes: 1. A, B, and C are determined by component size. The clearance between the components and the cavity must be
within 0.05mm min. to 0.50mm max.
Trailer
Device
Leader
400mm (min)
160mm (min)
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
Direction of Feed
B
C
d
D
D2
D1
SOD-523
SYMBOL
(mm)
(inch)
1.968 Min.
4.00 ± 0.10
50.00 Min.
13.00 ± 0.50
4.00 ± 0.10
2.00 ± 0.10
0.512 ± 0.020
SYMBOL
(mm)
(inch)
0.157 ± 0.004
0.157 ± 0.004
0.079 ± 0.004
E
F
P
P0
P1
W
1.75 ± 0.10
0.069 ± 0.004
3.50 ± 0.05
0.138 ±0.002
SOD-523
See Note 1
8.30 Max.
0.315 Max.
A
W1
14.40 Max.
0.560 Max.
T
0.024 Max
0.60 Max.
1.50 + 0.10
0.059 +0.004
178 ± 2.00
7.008 ± 0.079
P0
P1
d
P
B
T
C
A
REV:C
Page 3
D1
D2
D
W1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com