Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HF68F/005-1HSBGFXXX Datasheet(PDF) 3 Page - Hongfa Technology

Part # HF68F/005-1HSBGFXXX
Description  MINIATURE HIGH POWER RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF68F/005-1HSBGFXXX Datasheet(HTML) 3 Page - Hongfa Technology

  HF68F/005-1HSBGFXXX Datasheet HTML 1Page - Hongfa Technology HF68F/005-1HSBGFXXX Datasheet HTML 2Page - Hongfa Technology HF68F/005-1HSBGFXXX Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
381?13A5?9@A93 3B?C5@
cai
cag
d
cae
c
dak
dae
dac
dag
cak
dai
eac
hc
gc
fc
ec
dc
cad
dcc
gcc hcc
ecc
fcc
dc
dcc
dccc
ts -:H>H>I>K:
d
dc
qs -:H>H>I>K:
u~t0-q~su s0-1u}q3y}0} .2y/sxy~w +*2u-
rG:6@>C< s6E68>IN \@1q]
sDCI68I 1DAI6<: \1]
t>H8A6>B:G
/=>H 96I6H=::I >H ;DG I=: 8JHIDB:GHT G:;:G:C8:aqAA I=: HE:8>;>86I>DCH 6G: HJ7?:8I ID 8=6C<: L>I=DJI CDI>8:a
2: 8DJA9 CDI :K6AJ6I: 6AA I=: E:G;DGB6C8: 6C9 6AA I=: E6G6B:I:GH ;DG :K:GN EDHH>7A: 6EEA>86I>DCa /=JH I=: JH:G H=DJA9 7: >C 6 G><=I EDH>I>DC ID
8=DDH: I=: HJ>I67A: EGD9J8I ;DG I=:>G DLC 6EEA>86I>DCay; I=:G: >H 6CN FJ:GN_ EA:6H: 8DCI68I xDC<;6 ;DG I=: I:8=C>86A H:GK>8:axDL:K:G_ >I >H I=: JH:GTH
G:HEDCH>7>A>IN ID 9:I:GB>C: L=>8= EGD9J8I H=DJA9 7: JH:9 DCANa
P 3>6B:C xDC<;6 uA:8IGD68DJHI>8 sDa_ |I9a qAA G><=IH D; xDC<;6 6G: G:H:GK:9a
\rDII>B K>:L]
ddk
dvDGB s
dvDGB q
2>G>C< t>6<G6B
=BA:9<5 49;5<@9=<@, D9?9<7 4917?1; 1<4 >3 2=1?4 :1E=BA
0C>Im BB



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com