Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7053A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA7053A
Description  Stereo BTL audio output amplifier with DC volume control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA7053A Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA7053A Datasheet HTML 1Page - NXP Semiconductors TDA7053A Datasheet HTML 2Page - NXP Semiconductors TDA7053A Datasheet HTML 3Page - NXP Semiconductors TDA7053A Datasheet HTML 4Page - NXP Semiconductors TDA7053A Datasheet HTML 5Page - NXP Semiconductors TDA7053A Datasheet HTML 6Page - NXP Semiconductors TDA7053A Datasheet HTML 7Page - NXP Semiconductors TDA7053A Datasheet HTML 8Page - NXP Semiconductors TDA7053A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1997 Jul 15
2
Philips Semiconductors
Product specification
Stereo BTL audio output amplifier with DC
volume control
TDA7053A
FEATURES
• DC volume control
• Few external components
• Mute mode
• Thermal protection
• Short-circuit proof
• No switch-on and switch-off clicks
• Good overall stability
• Low power consumption
• Low HF radiation
• ESD protected on all pins.
GENERAL DESCRIPTION
The TDA7053A (2
× 1 W) and TDA7053AT (2 × 0.5 W) are
stereo BTL output amplifiers with DC volume control.
The devices are designed for use in TV and monitors, but
are also suitable for battery-fed portable recorders and
radios.
Missing Current Limiter (MCL)
A MCL protection circuit is built-in. The MCL circuit is
activated when the difference in current between the
output terminal of each amplifier exceeds 100 mA
(typical 300 mA). This level of 100 mA allows for
headphone applications (single-ended).
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
supply voltage
4.5
−
18
V
Pout
output power
VP =6V
TDA7053A
RL =8 Ω
0.85
1.0
−
W
TDA7053AT
RL =16 Ω
0.5
0.55
−
W
Gv
voltage gain
39.5
40.5
41.5
dB
GC
gain control
68.0
73.5
−
dB
Iq(tot)
total quiescent current
VP =6V; RL = ∞−
22
25
mA
THD
total harmonic distortion
TDA7053A
Pout = 0.5 W
−
0.3
1
%
TDA7053AT
Pout = 0.25 W
−
0.3
1
%
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA7053A
DIP16
plastic dual in-line package; 16 leads (300 mil); long body
SOT38-1
TDA7053AT
SO16
plastic small outline package; 16 leads; body width 7.5 mm
SOT162-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com