Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7053AT Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA7053AT
Description  Stereo BTL audio output amplifier with DC volume control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA7053AT Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA7053AT Datasheet HTML 5Page - NXP Semiconductors TDA7053AT Datasheet HTML 6Page - NXP Semiconductors TDA7053AT Datasheet HTML 7Page - NXP Semiconductors TDA7053AT Datasheet HTML 8Page - NXP Semiconductors TDA7053AT Datasheet HTML 9Page - NXP Semiconductors TDA7053AT Datasheet HTML 10Page - NXP Semiconductors TDA7053AT Datasheet HTML 11Page - NXP Semiconductors TDA7053AT Datasheet HTML 12Page - NXP Semiconductors TDA7053AT Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1997 Jul 15
9
Philips Semiconductors
Product specification
Stereo BTL audio output amplifier with DC
volume control
TDA7053A
Fig.11 Input signal handling.
THD = 1 %.
handbook, halfpage
020
VP (V)
Vin
(V)
2.0
0
0.4
MBG665
0.8
1.2
1.6
4
8
12
16
Fig.12 Volume control current as a function of
volume control voltage.
handbook, halfpage
0
IVC
(
µA)
2.0
VVC (V)
30
−10
−20
−30
20
10
0
MBG666
0.4
0.8
1.2
1.6
APPLICATION INFORMATION
The application diagram is illustrated in Fig.13.
Test conditions
Tamb =25 °C unless otherwise specified; VP =6V;
VDC = 1.4 V; fi = 1 kHz; RL =8 Ω.
The quiescent current has been measured without load
impedance.
The output power as a function of the supply voltage has
been measured at THD = 10%. The maximum output
power is limited by the maximum power dissipation and the
maximum available output current.
The maximum input signal voltage is measured at
THD = 1% at the output with a voltage gain of 0 dB.
To avoid instabilities and too high distortion, the input
ground and power ground must be separated as far as
possible and connected as close as possible to the IC.
The DC volume control can be applied in several ways.
Two possible circuits are shown below the main
application diagram. The circuits at the control pin will
influence the switch-on and switch-off behaviour and the
maximum voltage gain.
For single-end applications the output peak current must
not exceed 100 mA. At higher output currents the
short-circuit protection (MCL) will be active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com