Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT81-00552 Datasheet(PDF) 3 Page - Bi technologies

Part # HT81-00552
Description  HDSL, HDSL2 Coupling Transformers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HT81-00552 Datasheet(HTML) 3 Page - Bi technologies

  HT81-00552 Datasheet HTML 1Page - Bi technologies HT81-00552 Datasheet HTML 2Page - Bi technologies HT81-00552 Datasheet HTML 3Page - Bi technologies HT81-00552 Datasheet HTML 4Page - Bi technologies HT81-00552 Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
6
6-151
Model HT81 Series
SCHEMATICS
3
4
Chip
Line
8
6
210
8
7
Chip
Line
4
5
2
91
3
4
Chip
Line
8
6
7
29
Schematic 1
Schematic 2
Schematic 3
3
4
Chip
Line
9
6
7
210
Schematic 4
7
8
6
Chip
Line
4
5
2
91
Schematic 5
Notes: (1) Supports Level One SK70704 with DCR
≤3.2/2.0 Ω IDC @ 75mA. Assume pins 7-8 shorted externally.
(2) Supports Conexant (Rockwell) BT8921, BT8970 with DCR
≤2.2/2.2 Ω, IDC @ 70mA.
(3) Supports Conexant (Rockwell) BT8952 with DCR
≤2.2/4.4 Ω, IDC @ 160mA.
(4) Supports Level One SK70740, SK70741 and SK70742 HDSL chipset with DCR
≤2.2/2.2 Ω, IDC @ 70mA.
(5) OCL tested @ 100mV @ 10kHz with appropriate IDC.
(6) THD tested @ 5kHz, 6Vp-p with 135
Ω load.
(7) Supports Level One SK70720 and SK70721 with DCR
≤3.0/6.0 Ω, IDC @ 75mA.
(8) Longitudinal balance: freqency range specified with 135
Ω.
(9) Supports Conexant (Rockwell) BT8960 with DCR
≤3.0/3.0 Ω, IDC @ 70mA.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com