Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS93-98705 Datasheet(PDF) 2 Page - Bi technologies

Part # HS93-98705
Description  T1/CEPT/ISDN-Pri Telecom Products
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HS93-98705 Datasheet(HTML) 2 Page - Bi technologies

  HS93-98705 Datasheet HTML 1Page - Bi technologies HS93-98705 Datasheet HTML 2Page - Bi technologies HS93-98705 Datasheet HTML 3Page - Bi technologies HS93-98705 Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.bitechnologies.com
MAGNETIC COMPONENTS SELECTOR GUIDE 2007/08 EDITION
We reserve the right to change specifications without prior notice.
126
• Meets the required 1500 Vrms line isolation
• Standard Operating Temperature Range
0°C to +70°C
• Extended Operating Temperature Range
-40°C to +85°C
• RoHS Peak Solder Rating 260°C
• Non-RoHS Peak Solder Rating 235°C

ISDN S-Interface Telecom Products
• Meets the required 1500 Vrms line isolation
• Standard Operating Temperature Range
0°C to +70°C
• Extended Operating Temperature Range
-40°C to +85°C
• Withstands 235°C IR reflow for 1 minute

ISDN U-Interface Telecom Products
RoHS
Compliant
for
‘LF’ Models
HS00-001934
3
Single
1CT:2CT
22
6-pin DIL
200 mil
14.20
14.20
10.20
2000
HS93-020454
LF
Single
1:1
1.20
6-pin SMT 100 mil
7.62
9.91
6.35
2000
HS00-002324
3
Dual
1:2 & 1:2
22 & 22
16-pin DIL 100 mil
23.37
14.22
10.20
2000
HS00-00151
3
Dual
1CS:2.5CS & 1CS:2.5CS
22 & 22
16-pin SMT 100 mil
25.32
14.99
8.89
1500
HS00-00152
3
Dual
1CS:2.5CS & 1CS:2.5CS
22 & 22
16-pin SMT 100 mil
24.00
18.29
9.30
2000
HS00-00840
3
Dual
1:2.5 & 1:2.5
22 & 22
16-pin SMT 100 mil
24.13
18.29
9.91
2000
HS93-01027
LF
Dual
1:1 & 1:1
22 & 22
16-pin SMT 100 mil
24.00
18.29
10.10
2000
HS93-97727
3
Dual
1CS:2CS & 1CS:2CS
22 & 22
16-pin SMT 100 mil
24.13
18.29
10.16
2000
HT00-03083
LF
Dual
1 split:1 split & 1 split:1 split 30 & 30
16-pin SMT 100 mil
25.40
12.70
7.30
2000
HS93-002214
3
Dual
1CT:2 & 1CT:2
30 & 30
18-pin DIL 100 mil
29.06
10.62
16.39
1500
HS00-00604
3
Dual
1:2 & 1:2
30 & 30
20-pin SMT 100 mil
27.74
18.44
10.92
3000
HS93-01048
3
Dual
1CT:1CT & 1CT:1CT
30 & 30
20-pin SMT 100 mil
29.72
17.78
8.28
1500
HS93-01255
LF
Quad
1:1
1.20
16-pin SMT 100 mil
24.13
18.29
9.91
2000
HS93-06023
LF
Quad
1:1.26
1.20
16-pin SMT 100 mil
24.13
18.29
9.91
2000
Specifications
Turns Ratio5 (±5%)
OCL
Packaging (mm)
Hi-Pot
BI P/N1
RoHS2
Transformer
Primary : Secondary
(mH Min.)
Style
Pitch
Length
Width
Height
(Vrms)
Notes:
(1) For Tape & Reel Packaging, add a “TR” suffix to the end of the Part Number when ordering, e.g. HS93-01027TR or HS93-01027LFTR
(for RoHS Compliant)
(2) Add a “LF” suffix to the Part Number for RoHS compliant parts, e.g. HS93-01255LF or HS93-01255LFTR (for Tape & Reel)
(3) Contact BI Technologies for RoHS compliant part availability.
(4) Tube Packaging only.
(5) CT is Center Tap & CS is Split Center Tap
HS00-002253
2
Single
1.65:1CT
13.0
8-pin TH/DS
150 mil
-
-
-
2000
HM00-97500D3
2
Single
1:1.25CT
25.8
10-pin TH/DS
150 mil
-
-
-
2000
HS00-002263
2
Single
1.50:1CT
25.6
10-pin TH/DS
150 mil
-
-
-
2000
Specifications
Turns Ratio4 (±5%)
OCL
Packaging (mm)
Hi-Pot
BI P/N
RoHS1
Transformer
Primary : Secondary
(mH Min.)
Style
Pitch
Length
Width Height
(Vrms)
Notes:
(1) Add a “LF” suffix to the Part Number for RoHS compliant parts
(2) Contact BI Technologies for RoHS compliant part availability
(3) Tray Packaging only.
(4) CT is Center Tap & CS is Split Center Tap



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com