Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8002AT Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA8002AT
Description  IC card interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8002AT Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA8002AT Datasheet HTML 1Page - NXP Semiconductors TDA8002AT Datasheet HTML 2Page - NXP Semiconductors TDA8002AT Datasheet HTML 3Page - NXP Semiconductors TDA8002AT Datasheet HTML 4Page - NXP Semiconductors TDA8002AT Datasheet HTML 5Page - NXP Semiconductors TDA8002AT Datasheet HTML 6Page - NXP Semiconductors TDA8002AT Datasheet HTML 7Page - NXP Semiconductors TDA8002AT Datasheet HTML 8Page - NXP Semiconductors TDA8002AT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
1997 Nov 04
3
Philips Semiconductors
Product specification
IC card interface
TDA8002
ORDERING INFORMATION
Notes
1. The /3 or /5 suffix indicates the voltage supervisor option.
2. The /3 version can be used with a 3 or 5 V power supply environment (see Chapter “Functional description”).
3. The /5 version can be used with a 5 V power supply environment.
TYPE NUMBER(1)
PACKAGE
MARKING
NAME
DESCRIPTION
VERSION
TDA8002AT/3/C2(2)
TDA8002AT/3
SO28
plastic small outline package; 28 leads;
body width 7.5 mm
SOT136-1
TDA8002AT/5/C2(3)
TDA8002AT/5
TDA8002BT/3/C2(2)
TDA8002BT/3
TDA8002BT/5/C2(3)
TDA8002BT/5
TDA8002G/3/C2(2)
80023
LQFP32 plastic low profile quad flat package; 32 leads;
body 5
× 5 × 1.4 mm
SOT401-1
TDA8002G/5/C2(3)
80025



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com