Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8002CT/A Datasheet(PDF) 17 Page - NXP Semiconductors

Part # TDA8002CT/A
Description  IC card interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8002CT/A Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button TDA8002CT/A Datasheet HTML 13Page - NXP Semiconductors TDA8002CT/A Datasheet HTML 14Page - NXP Semiconductors TDA8002CT/A Datasheet HTML 15Page - NXP Semiconductors TDA8002CT/A Datasheet HTML 16Page - NXP Semiconductors TDA8002CT/A Datasheet HTML 17Page - NXP Semiconductors TDA8002CT/A Datasheet HTML 18Page - NXP Semiconductors TDA8002CT/A Datasheet HTML 19Page - NXP Semiconductors TDA8002CT/A Datasheet HTML 20Page - NXP Semiconductors TDA8002CT/A Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
1999 Oct 12
17
Philips Semiconductors
Product specification
IC card interface
TDA8002C
CHARACTERISTICS
VDD = 3.3 V; Tamb =25 °C; fxtal = 10 MHz; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VDD
supply voltage
3
−
6.5
V
IDD(lp)
supply current
low-power mode
−−
150
µA
IDD(idle)
supply current
Idle mode; fCLKOUT = 10 MHz
−−
5mA
IDD(active)
supply current
active mode; VCC(O) =5V;
fCLKOUT =10MHz
fCLK = LOW; ICC = 100 µA
−−
8mA
fCLK = 5 MHz; ICC =10mA
−−
50
mA
fCLK = 5 MHz; ICC =55mA
−−
140
mA
active mode; VCC(O) =3V;
fCLKOUT =10MHz
fCLK = LOW; ICC = 100 µA
−−
8mA
fCLK = 5 MHz; ICC =10mA
−−
50
mA
fCLK = 5 MHz; ICC =55mA
−−
140
mA
Vth2
threshold voltage on VDD for
voltage supervisor
falling
2.2
−
2.4
V
Vhys2
hysteresis on Vth2
50
100
150
mV
Card supply
VCC(O)
output voltage
Idle mode
−−
0.3
V
active mode
VCC =5V;ICC < 55 mA;
DC load
4.6
−
5.4
V
ICC = 40 nAs; AC load
4.6
−
5.4
V
VCC = 3 V; ICC < 55 mA;
DC load
2.76
−
3.24
V
ICC = 24 nAs; AC load
2.76
−
3.24
V
ICC(O)
output current
VCC(O) = from 0 to 5 or 3 V
−−
55
mA
VCC short-circuited to ground
−
200
−
mA
SR
slew rate
rising or falling slope
0.10
0.15
0.20
V/
µs
Crystal connections (XTAL1 and XTAL2)
Cext
external capacitors
note 1
−
15
−
pF
fxtal
resonance frequency
note 2
2
−
24
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com