Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV16WS Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BAV16WS
Description  SURFACE MOUNT FAST SWITCHING DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAV16WS Datasheet(HTML) 3 Page - Diodes Incorporated

  BAV16WS Datasheet HTML 1Page - Diodes Incorporated BAV16WS Datasheet HTML 2Page - Diodes Incorporated BAV16WS Datasheet HTML 3Page - Diodes Incorporated BAV16WS Datasheet HTML 4Page - Diodes Incorporated BAV16WS Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1N4148WS / BAV16WS
Document number: DS30097 Rev. 27 - 2
3of 5
www.diodes.com
July 2023
© 2023 Copyright Diodes Incorporated. All Rights Reserved.
1N4148WS / BAV16WS
0
100
0
25
50
75
125
100
150
T , AMBIENT TEMPERATURE ( C)
A
Fig. 1 Power Derating Curve
300
200
Note 7
250
150
50
0.1
1
0.01
0.001
0
1.5
1.0
0.5
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
0.1
1
10
100
1,000
10,000
0
20
40
60
80
100
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 3 Typical Reverse Characteristics
R
T = -40ºC
A
T = 25ºC
A
T = 75ºC
A
T = 125ºC
A
T = 150ºC
A
T = 0ºC
A
0
0.2
0.4
0.6
0.8
1.8
1.6
1.4
1.2
1.0
2.0
0
10
20
40
30
V , DC REVERSE VOLTAGE (V)
Fig. 4 Typical Total Capacitance vs. Reverse Voltage
R
1
10
100
Fig. 5 Maximum Non-Repetitive Surge Current
1
10
NUMBER OF CYCLES
I
FSM
8.3ms 8.3ms
1 cyc
Fig. 6 Maximum Non-Repetitive Surge Current
1
10
0.1
1
10
100
PULSE WIDTH (ms)
IFSM
t
Note 6



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com