Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWTW-S Datasheet(PDF) 4 Page - Bi technologies

Part # SWTW-S
Description  Tactile Switches 6 x 6 mm and 8 x 8mm Sealed, Washable RoHS Compliant
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

SWTW-S Datasheet(HTML) 4 Page - Bi technologies

  SWTW-S Datasheet HTML 1Page - Bi technologies SWTW-S Datasheet HTML 2Page - Bi technologies SWTW-S Datasheet HTML 3Page - Bi technologies SWTW-S Datasheet HTML 4Page - Bi technologies SWTW-S Datasheet HTML 5Page - Bi technologies SWTW-S Datasheet HTML 6Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MODEL SWTW
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
March 5, 2007
page 4 of 6
BI technologies
Model SWTW-X
(Top Actuation, SMD G pin style with ground, 6 x 6 mm, Stem Height 2, H = 3.1 mm)
Model SWTW-J
(Top Actuation, SMD J pin style, 6 x 6 mm)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com