Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M145331JAP Datasheet(PDF) 4 Page - Bi technologies

Part # M145331JAP
Description  Thick Film Low Profile SIP Conformal Coated Resistor Networks
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

M145331JAP Datasheet(HTML) 4 Page - Bi technologies

  M145331JAP Datasheet HTML 1Page - Bi technologies M145331JAP Datasheet HTML 2Page - Bi technologies M145331JAP Datasheet HTML 3Page - Bi technologies M145331JAP Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4-52
Model M Series
PACKAGING
Standard: Bulk:
Quantity
=
200 Units
Option:
Tape in Ammo Box
All Units oriented with lead #1 to the left of direction of feed.
Tape:
Width
=
18mm
Pitch
=
12.7mm
Ammo Box: Capacity
=
1,000 Units
Option:
Magazines
Dimensions conform to EIA & JEDEC standards.
All units oriented with lead #1 to the same side.
Magazine:
Material
=
Antistatic Plastic
ORDERING INFORMATION
M 8 5
331 / 471 J XX
Model Series
Tolerance Code:
F =
±1%
G =
±2% (Standard)
J =
±5%
R2 Resistance Code
(Add for -5 circuit only)
Number of Leads:
4 thru 14
Circuit Type:
-3 = Isolated
-1 = Bussed
-5 = Dual Terminator
Resistance Code:
First 2 digits are significant (3 digits for
±1%).
Last digit denotes number of trailing zeros.
Packaging Option:
AP = Ammo Pack
M1 or M2 Tube*
* Refer to Packaging for Automation Section (Page A-4) for M1 & M2 tube capacity and dimensions
APPLICABLE DOCUMENTS
MIL-R-83401 — Resistor Networks, Fixed, Film, General Specifications
MIL-STD-105 — Sampling Procedures and Tables for Inspection by Attributes
MIL-STD-202 — Test Methods for Electronic and Electrical Component Parts



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com