Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T85331G Datasheet(PDF) 4 Page - Bi technologies

Part # T85331G
Description  Thick Film Super Low Profile SIP Resistor Networks
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

T85331G Datasheet(HTML) 4 Page - Bi technologies

  T85331G Datasheet HTML 1Page - Bi technologies T85331G Datasheet HTML 2Page - Bi technologies T85331G Datasheet HTML 3Page - Bi technologies T85331G Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4-66
Model T Series
ORDERING INFORMATION
T
8
1
331 / 471
J
Model Series
No. of Leads:
4 thru 14
Circuit Type:
1 = Bussed
3 = Isolated
5 = Dual Terminator
Tolerance Code:
G = 2%(Optional)
J = 5% (Standard)
R2 Resistance Code:
(Add for -5 circuit only.)
Resistance Code:
First 2 digits are significant .
Last digit denotes number of trailing zeros.
TYPICAL PART MARKING
Model Name
Date Code
T8 - 1 - 103J
933
Logo
Lead #1 Indicator



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com