Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4613MPY Datasheet(PDF) 5 Page - Linear Technology

Part # LTM4613MPY
Description  EN55022B Compliant 36VIN, 15VOUT, 8A, DC/DC μModule Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4613MPY Datasheet(HTML) 5 Page - Linear Technology

  LTM4613MPY Datasheet HTML 1Page - Linear Technology LTM4613MPY Datasheet HTML 2Page - Linear Technology LTM4613MPY Datasheet HTML 3Page - Linear Technology LTM4613MPY Datasheet HTML 4Page - Linear Technology LTM4613MPY Datasheet HTML 5Page - Linear Technology LTM4613MPY Datasheet HTML 6Page - Linear Technology LTM4613MPY Datasheet HTML 7Page - Linear Technology LTM4613MPY Datasheet HTML 8Page - Linear Technology LTM4613MPY Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
LTM4613
5
4613fd
For more information www.linear.com/LTM4613
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs Load Current with
3.3VOUT (FCB = 0)
Efficiency vs Load Current with
5VOUT (FCB = 0)
Efficiency vs Load Current with
12VOUT (FCB = 0)
Efficiency vs Load Current with
15VOUT (FCB = 0)
Transient Response from 12VIN
to 3.3VOUT
Transient Response from 12VIN
to 5VOUT
Transient Response from 24VIN
to 12VOUT
Start-Up with 24VIN to 12VOUT
at IOUT = 0A
Start-Up with 24VIN to 12VOUT at
IOUT = 8A
(Refer to Figure 18)
LOAD CURRENT (A)
0
80
90
8
4613 G01
70
60
2
4
6
1
3
5
7
100
75
85
65
95
5VIN, 3.3VOUT
12VIN, 3.3VOUT
24VIN, 3.3VOUT
36VIN, 3.3VOUT
LOAD CURRENT (A)
0
80
90
8
4613 G02
70
60
2
4
6
1
3
5
7
100
75
85
65
95
12VIN, 5VOUT
24VIN, 5VOUT
36VIN, 5VOUT
LOAD CURRENT (A)
0
80
90
8
4613 G03
70
60
2
4
6
1
3
5
7
100
75
85
65
95
20VIN, 12VOUT
24VIN, 12VOUT
28VIN, 12VOUT
36VIN, 12VOUT
LOAD CURRENT (A)
0
80
90
8
4613 G04
70
60
2
4
6
1
3
5
7
100
75
85
65
95
24VIN, 15VOUT
28VIN, 15VOUT
32VIN, 15VOUT
36VIN, 15VOUT
IOUT
5A/DIV
VOUT
100mV/DIV
AC
100µs/DIV
LOAD STEP: 0A TO 4A
COUT = 1 × 47µF POSCAP
1
× 10µF CERAMIC CAPACITOR AND
3
× 47µF CERAMIC CAPACITORS
4613 G05
IOUT
5A/DIV
VOUT
100mV/DIV
AC
100µs/DIV
LOAD STEP: 0A TO 4A
COUT = 1 × 47µF POSCAP
1
× 10µF CERAMIC CAPACITOR AND
3
× 47µF CERAMIC CAPACITORS
4613 G06
IOUT
5A/DIV
VOUT
200mV/DIV
AC
100µs/DIV
LOAD STEP: 0A TO 4A
COUT = 1 × 47µF POSCAP
1
× 10µF CERAMIC CAPACITOR AND
3
× 47µF CERAMIC CAPACITORS
4613 G07
IIN
200mA/DIV
VOUT
5V/DIV
10ms/DIV
SOFT-START CAPACITOR: 0.1µF
CIN = 2 × 10µF CERAMIC CAPACITORS AND
1
× 100µF OS-CON CAPACITOR
4613 G08
IIN
1A/DIV
VOUT
5V/DIV
10ms/DIV
SOFT-START CAPACITOR: 0.1µF
CIN = 2 × 10µF CERAMIC CAPACITORS AND
1
× 100µF OS-CON CAPACITOR
4613 G09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com