Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4606 Datasheet(PDF) 3 Page - Linear Technology

Part # LTM4606
Description  EN55022B Compliant 36VIN, 15VOUT, 8A, DC/DC μModule Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4606 Datasheet(HTML) 3 Page - Linear Technology

  LTM4606 Datasheet HTML 1Page - Linear Technology LTM4606 Datasheet HTML 2Page - Linear Technology LTM4606 Datasheet HTML 3Page - Linear Technology LTM4606 Datasheet HTML 4Page - Linear Technology LTM4606 Datasheet HTML 5Page - Linear Technology LTM4606 Datasheet HTML 6Page - Linear Technology LTM4606 Datasheet HTML 7Page - Linear Technology LTM4606 Datasheet HTML 8Page - Linear Technology LTM4606 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
LTM4613
3
4613fd
For more information www.linear.com/LTM4613
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full internal
operating temperature range, otherwise specifications are at TA = 25°C (Note 2), VIN = 24V, unless otherwise noted. Per Typical
Application (front page) configuration.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN(DC)
Input DC Voltage
l
5
36
V
VOUT(DC)
Output Voltage, Total Variation
with Line and Load
CIN = 10µF × 3, COUT = 47µF × 4; FCB = 0,
VIN = 24V to 36V, VOUT = 12V
l
11.83
12.07
12.31
V
Input Specifications
VIN(UVLO)
Undervoltage Lockout Threshold
IOUT = 0A
3.2
4.8
V
IINRUSH(VIN)
Input Inrush Current at Start-Up
IOUT = 0A; CIN = 10µF × 3, COUT = 47µF × 4; CSS = 22nF
VOUT = 12V
VIN = 24V
VIN = 36V
150
120
mA
mA
IQ(VIN)
Input Supply Bias Current
VIN = 36V, VOUT = 12V, Switching Continuous, IOUT = 0A
VIN = 24V, VOUT = 12V, Switching Continuous, IOUT = 0A
Shutdown, RUN = 0, VIN = 36V
78
60
50
mA
mA
µA
IS(VIN)
Input Supply Current
VIN = 36V, VOUT = 12V, IOUT = 8A
VIN = 24V, VOUT = 12V, IOUT = 8A
2.90
4.26
A
A
VINTVCC
Internal VCC Voltage
VIN = 36V, RUN > 2V, IOUT = 0A
4.7
5
5.5
V
Output Specifications
IOUT(DC)
Output Continuous Current Range VIN = 24V, VOUT = 12V (Note 4)
0
8
A
∆VOUT(LINE)
VOUT
Line Regulation Accuracy
VOUT = 12V, FCB = 0V, VIN = 24V to 36V,
IOUT = 0A
l
0.05
0.3
%
∆VOUT(LOAD)
VOUT
Load Regulation Accuracy
VOUT = 12V, FCB = 0V, IOUT = 0A to 8A (Note 4)
VIN = 36V
VIN = 24V
l
l
0.5
0.5
0.75
0.75
%
%
VIN(AC)
Input Ripple Voltage
IOUT = 0A,
CIN = 1 × 10µF X5R Ceramic and 1 × 100µF Electrolytic,
3 × 10µF X5R Ceramic on VD Pins
VIN = 24V, VOUT = 12V (Note 5)
10
mVP-P
VOUT(AC)
Output Ripple Voltage
IOUT = 0A,
COUT = 1 × 10µF, 4 × 47µF X5R Ceramic
VIN = 24V, VOUT = 12V
19
mVP-P
fS
Output Ripple Voltage Frequency
VIN = 24V, VOUT = 12V, IOUT = 0A
600
kHz
∆VOUT(START) Turn-On Overshoot
COUT = 47µF × 4, VOUT = 12V, IOUT = 0A, CSS = 22nF
VIN = 36V
VIN = 24V
20
20
mV
mV
tSTART
Turn-On Time
COUT = 47µF × 4, VOUT = 12V, IOUT = 0A, CSS = Open
VIN = 36V
VIN = 24V
0.3
0.3
ms
ms
∆VOUT(LS)
Peak Deviation for Dynamic Load Load: 0% to 50% to 0% of Full Load
COUT = 1 × 10µF, 3 × 47µF X5R Ceramic, 1 × 47µF POSCAP
VIN = 24V, VOUT = 12V
250
mV
tSETTLE
Settling Time for Dynamic Load
Step
Load: 0% to 50% to 0% of Full Load
COUT = 1 × 10µF, 3 × 47µF X5R Ceramic, 1 × 47µF POSCAP
VIN = 24V, VOUT = 12V
100
µs
IOUT(PK)
Output Current Limit
COUT = 47µF × 4
VIN = 36V, VOUT = 12V
VIN = 24V, VOUT = 12V
12
12
A
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com