Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8005G Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA8005G
Description  Low-power smart card coupler
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8005G Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA8005G Datasheet HTML 17Page - NXP Semiconductors TDA8005G Datasheet HTML 18Page - NXP Semiconductors TDA8005G Datasheet HTML 19Page - NXP Semiconductors TDA8005G Datasheet HTML 20Page - NXP Semiconductors TDA8005G Datasheet HTML 21Page - NXP Semiconductors TDA8005G Datasheet HTML 22Page - NXP Semiconductors TDA8005G Datasheet HTML 23Page - NXP Semiconductors TDA8005G Datasheet HTML 24Page - NXP Semiconductors TDA8005G Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
1996 Sep 25
21
Philips Semiconductors
Product specification
Low-power smart card coupler
TDA8005
CHARACTERISTICS
VDD =5V; VSS =0V; Tamb =25 °C; for general purpose I/O ports see 80CL51 data sheet; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VDD
supply voltage
Option dependant
2.5
−
6.0
V
IDD(pd)
supply current power-down
mode
VDD = 5 V; card inactive
VDD =3V;
“
“
−
90
−µA
IDD(sm)
supply current sleep mode
card powered, but with clock
stopped
−
500
−µA
IDD(om)
supply current operating mode unloaded; fxtal = 13 MHz;
fclk = 6.5 MHz; fcard = 3.25 MHz
−
5.5
−
mA
VDD =3V; fxtal = 13 MHz;
fclk = 3.25 MHz; fcard = 3.25 MHz
−
3
−
mA
Vth1
threshold voltage on VDD
(falling)
supervisor option
2
−
2.3
V
2.45
−
3V
3.8
−
4.5
V
Vhys1
hysteresis on Vth1
40
−
350
mV
Vth2
threshold voltage on DELAY
−
1.38
−
V
VDEL
voltage on pin DELAY
4.6
−
VDD
V
IDEL
output current at DELAY
pin grounded (charge)
−1.5
−1
−0.4
µA
VDEL =VDD (discharge)
4
6.8
10
mA
tW
ALARM pulse width
CDEL =10nF
−
10
−
ms
ALARM (open drain active HIGH or LOW output)
IOH
HIGH level output current
active LOW option; VOH =5V
−−
10
µA
VOL
LOW level output voltage
active LOW option; IOL =2mA
−−
0.4
V
IOL
LOW level output current
active HIGH option, VOL =0V
−−
−10
µA
VOH
HIGH level output voltage
active HIGH option, IOH = −2mA
VDD − 1
−−
V
Crystal oscillator (note 1)
fxtal
crystal frequency
2
−
16
MHz
fEXT
external frequency applied on
XTAL1
0
−
16
MHz
Step-up converter
fINT
oscillation frequency
2
−
3
MHz
VUP
voltage on S5
−
6.5
−
V
Low impedance supply (LIS)
VLIS
voltage on LIS
0
−
VDD
V
ILIS
current at LIS
−−
7
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com