Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWT8-V2N Datasheet(PDF) 2 Page - Bi technologies

Part # SWT8-V2N
Description  Tactile Switches 6.2X6.2 mm Square Stem Cap available RoHS Compliant
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

SWT8-V2N Datasheet(HTML) 2 Page - Bi technologies

  SWT8-V2N Datasheet HTML 1Page - Bi technologies SWT8-V2N Datasheet HTML 2Page - Bi technologies SWT8-V2N Datasheet HTML 3Page - Bi technologies SWT8-V2N Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model SWT8
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
December 1, 2006
page
2 of 4
BI technologies
NOTE: Tactile Switch and Cap are ordered separately.
ORDERING INFORMATION
ORDERING INFORMATION
ORDERING INFORMATION
ORDERING INFORMATION
SWT8
SWT8
SWT8
SWT8 ---- M
2
Y
M
2
Y
M
2
Y
M
2
Y
TR
TR
TR
TR
Model Series
Styles
R – Side Actuation
V – Top Actuation
M – SMD Top Actuation
Stem SQ. dimensions
1 – 2.4 x 2.4 mm
2 – 2.8 x 2.8 mm
Packaging
Blank – Bulk
Style R – 500 pcs
Style V – 1000 pcs
TR – Tape & Reel
Style M – 500 pcs
Color / Force
K – Black, 100 gf
N – Brown, 160 gf
R – Red, 260 gf
S – Salmon, 320 gf
Y- Yellow, 520 gf
SWT8
SWT8
SWT8
SWT8 ---- C
2
Y
C
2
Y
C
2
Y
C
2
Y
Model Series
Cap
Cap Shape
1 – Square
2 – Round
Color
R - Red
S - Salmon
Y - Yellow
B - Blue
M - Gray
G - Green
I - Ivory
K - Black
Cap for Tactile Switch
Tactile Switch only
Packaging 1500 pcs / bag



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com