Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAT01 Datasheet(PDF) 5 Page - Analog Devices

Part # MAT01
Description  Matched Monolithic Dual Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAT01 Datasheet(HTML) 5 Page - Analog Devices

  MAT01_V01 Datasheet HTML 1Page - Analog Devices MAT01_V01 Datasheet HTML 2Page - Analog Devices MAT01_V01 Datasheet HTML 3Page - Analog Devices MAT01_V01 Datasheet HTML 4Page - Analog Devices MAT01_V01 Datasheet HTML 5Page - Analog Devices MAT01_V01 Datasheet HTML 6Page - Analog Devices MAT01_V01 Datasheet HTML 7Page - Analog Devices MAT01_V01 Datasheet HTML 8Page - Analog Devices MAT01_V01 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet
MAT01
Rev. D | Page 5 of 12
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter1
Rating
Breakdown Voltage of
Collector to Base Voltage (BVCBO)
45 V
Collector to Emitter Voltage (BVCEO)
45 V
Collector to Collector Voltage (BVCC)
45 V
Emitter to Emitter Voltage (BVEE)
45 V
Emitter to Base Voltage (BVEBO)2
5 V
Current
Collector (IC)
25 mA
Emitter (IE)
25 mA
Total Power Dissipation
Case Temperature ≤ 40°C3
1.8 W
Ambient Temperature ≤ 70°C4
500 mW
Temperature Range
Operating
−55°C to +125°C
Junction
−55°C to +150°C
Storage
−65°C to +150°C
Lead Temperature (Soldering, 60 sec)
300°C
1 Absolute maximum ratings apply to packaged devices.
2 Application of reverse bias voltages in excess of rating shown can result in
degradation of hFE and hFE matching characteristics. Do not attempt to
measure BVEBO greater than the 5 V rating.
3 Rating applies to applications using heat sinking to control case
temperature. Derate linearity at 16.4 mW/°C for case temperatures above
40°C.
4 Rating applies to applications not using heat sinking; device in free air only.
Derate linearity at 6.3 mW/°C for ambient temperatures above 70°C.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com