Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6900 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC6900
Description  TimerBlox: Voltage Controlled Silicon Oscillator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6900 Datasheet(HTML) 3 Page - Analog Devices

  LTC6900 Datasheet HTML 1Page - Analog Devices LTC6900 Datasheet HTML 2Page - Analog Devices LTC6900 Datasheet HTML 3Page - Analog Devices LTC6900 Datasheet HTML 4Page - Analog Devices LTC6900 Datasheet HTML 5Page - Analog Devices LTC6900 Datasheet HTML 6Page - Analog Devices LTC6900 Datasheet HTML 7Page - Analog Devices LTC6900 Datasheet HTML 8Page - Analog Devices LTC6900 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
LTC6990
3
Rev. D
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fOUT
Output Frequency
Recommended Range: RSET = 50k to 800k
Extended Range: RSET = 25k to 800k
0.488
0.488
1000
2000
kHz
kHz
∆fOUT
Frequency Accuracy (Note 4)
Recommended Range
RSET = 50k to 800k
l
±0.8
±1.5
±2.2
%
%
Extended Range
RSET = 25k to 800k
l
±2.4
±3.2
%
%
∆fOUT/∆T
Frequency Drift Over Temperature
l
±0.005
%/°C
∆fOUT/∆V+
Frequency Drift Over Supply
V+ = 4.5V to 5.5V
V+ = 2.25V to 4.5V
l
l
0.23
0.06
0.55
0.16
%/V
%/V
Long-Term Frequency Stability
(Note 11)
90
ppm/√kHr
Period Jitter (Note 10)
NDIV = 1
0.38
%P-P
NDIV = 2
0.22
0.027
%P-P
%RMS
NDIV = 128
0.022
0.004
%P-P
%RMS
Duty Cycle
NDIV = 1, RSET = 25k to 800k
NDIV > 1, RSET = 25k to 800k
l
l
47
48
50
50
53
52
%
%
BW
Frequency Modulation Bandwidth
0.4•fOUT
kHz
tS
Frequency Change Settling Time
(Note 9)
tMASTER = tOUT/NDIV
6•tMASTER
µs
Analog Inputs
VSET
Voltage at SET Pin
l
0.97
1.00
1.03
V
∆VSET/∆T
VSET Drift Over Temperature
l
±75
µV/°C
∆VSET/∆V+
VSET Drift Over Supply
–150
µV/V
∆VSET/∆ISET VSET Droop with ISET
–7
Ω
RSET
Frequency-Setting Resistor
Recommended Range
Extended Range
l
l
50
25
800
800
kΩ
kΩ
VDIV
DIV Pin Voltage
l
0
V+
V
∆VDIV/V+
DIV Pin Valid Code Range (Note 5) Deviation from Ideal VDIV/V+ = (DIVCODE + 0.5)/16 l
±1.5
%
DIV Pin Input Current
l
±10
nA
Power Supply
V+
Operating Supply Voltage Range
l
2.25
5.5
V
Power-On Reset Voltage
RSET = 25k to 800k
l
1.95
V
IS
Supply Current
RL = ∞, NDIV = 1, RSET = 50k
V+ = 5.5V
V+ = 2.25V
l
l
235
145
283
183
µA
µA
RL = ∞, NDIV = 1 RSET = 800k
V+ = 5.5V
V+ = 2.25V
l
l
71
59
105
92
µA
µA
RL = ∞, NDIV = 128, RSET = 50k
V+ = 5.5V
V+ = 2.25V
l
l
137
106
180
145
µA
µA
RL = ∞, NDIV = 128, RSET = 800k
V+ = 5.5V
V+ = 2.25V
l
l
66
56
100
90
µA
µA
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Test conditions are V+ = 2.25V to 5.5V, OE = V+, DIVCODE = 0 to 15
(NDIV = 1 to 128), RSET = 50k to 800k, RLOAD = 5k, CLOAD = 5pF unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com