Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6906 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC6906
Description  TimerBlox: Voltage Controlled Silicon Oscillator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6906 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC6906 Datasheet HTML 8Page - Analog Devices LTC6906 Datasheet HTML 9Page - Analog Devices LTC6906 Datasheet HTML 10Page - Analog Devices LTC6906 Datasheet HTML 11Page - Analog Devices LTC6906 Datasheet HTML 12Page - Analog Devices LTC6906 Datasheet HTML 13Page - Analog Devices LTC6906 Datasheet HTML 14Page - Analog Devices LTC6906 Datasheet HTML 15Page - Analog Devices LTC6906 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
LTC6990
12
Rev. D
For more information www.analog.com
OPERATION
is not stable, it will increase the start-up time as the con-
verter waits for a stable result. Therefore, capacitance on
the DIV pin should be minimized so it will settle quickly.
Less than 100pF will not affect performance.
Output Enable
The OE pin controls the state of the LTC6990’s output as
seen on the OUT pin. Pulling the OE pin high enables the
oscillator output. Pulling it low disables the output. When
the output is disabled, it is either held low or placed in
a high impedance state as dictated by the Hi-Z bit value
(determined by the DIVCODE as described earlier). Table 2
summarizes the output control states.
Table 2. Output States
OE Pin
Hi-Z
OUT
1
X
Enabled, Output is Active
0
1
Disabled, Output is Hi-Z
0
0
Disabled, Output is Held Low
Figure 3 illustrates the timing for the OE function when
Hi-Z = 0. When OE is low, the output is disabled and OUT
is held low. Bringing OE high enables the output after a
delay, tENABLE, which synchronizes the enable to eliminate
sliver pulses and guarantee the correct width for the first
pulse. If NDIV = 1 or 2 this delay will be no longer than the
output period, tOUT. If NDIV > 2 the delay is limited to twice
the internal master oscillator period (or 2 • tMASTER).
Forcing OE low will bring OUT low after a propagation
delay, tPD. If the output is high when OE falls, the output
pulse will be truncated.
As shown in Figure 4, setting Hi-Z = 1 places the output in
a high-impedance state when OE = 0. This feature allows
for “wired-OR” connections of multiple devices. Driving
OE high enables the output. The output will usually be
forced low during this time, although it is possible for
OUT to transition directly from high-impedance to a high
output, depending on the timing of the OE transition rela-
tive to the internal oscillator. Once high, the first output
pulse will have the correct width (unless truncated by
bringing OE low again).
Figure 3. OE Timing Diagram (Hi-Z = 0)
6990 F03
OE
OUT
tPD
tPD
tENABLE
tENABLE
tOUT
Figure 4. OE Timing Diagram (Hi-Z = 1)
6990 F04
OE
OUT
tPD
tPD
tPD
tPD
tENABLE
tENABLE
tOUT
Hi-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com