Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6903 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC6903
Description  Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6903 Datasheet(HTML) 1 Page - Analog Devices

  LTC6903 Datasheet HTML 1Page - Analog Devices LTC6903 Datasheet HTML 2Page - Analog Devices LTC6903 Datasheet HTML 3Page - Analog Devices LTC6903 Datasheet HTML 4Page - Analog Devices LTC6903 Datasheet HTML 5Page - Analog Devices LTC6903 Datasheet HTML 6Page - Analog Devices LTC6903 Datasheet HTML 7Page - Analog Devices LTC6903 Datasheet HTML 8Page - Analog Devices LTC6903 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC6908-1/LTC6908-2
1
Rev C
For more information www.analog.com
690812 TA01b
FREQUENCY
(FUNDAMENTAL AND HARMONICS SHOWN)
150kHz
0
–10
–20
–30
–40
0
–10
–20
–30
–40
30MHz
SSFM DISABLED
SSFM ENABLED
Resistor Set SOT-23 Oscillator with
Spread Spectrum Modulation
The LTC®6908 is an easy-to-use precision oscillator that
provides 2-outputs, shifted by either 180° or 90°. The
oscillator frequency is programmed by a single external
resistor (RSET) and spread spectrum frequency modula-
tion (SSFM) can be activated for improved electromag-
netic compatibility (EMC) performance.
The LTC6908 operates with a single 2.7V to 5.5V supply
and provides rail-to-rail, 50% duty cycle square wave out-
puts. A single resistor from 10k to 2M is used to select an
oscillator frequency from 50kHz to 10MHz (5V supply).
The oscillator can be easily programmed using the simple
formula outlined below:
fOUT =10MHz • 10k/RSET
The LTC6908’s SSFM capability modulates the output
frequency by a pseudorandom noise (PRN) signal to
decrease the peak electromagnetic radiation level and
improve EMC performance. The amount of frequency
spreading is fixed at ±10% of the center frequency. When
SSFM is enabled, the rate of modulation is selected by
the user. The three possible modulation rates are fOUT/16,
fOUT/32 and fOUT/64.
n
Switching Power Supply Clock Reference
n
Portable and Battery-Powered Equipment
n
Precision Programmable Oscillator
n
Charge Pump Driver
n
LTC6908-1: Complementary Outputs (0°/180°)
n
LTC6908-2: Quadrature Outputs (0°/90°)
n
50kHz to 10MHz Frequency Range
n
One External Resistor Sets the Frequency
n
Optional Spread Spectrum Frequency Modulation
for Improved EMC Performance
n
±10% Frequency Spreading
n
400µA Supply Current Typical (V+ = 5V, 50kHz)
n
Frequency Error ≤1.5% Max (TA = 25°C, V+ = 3V)
n
±40ppm/°C Temperature Stability
n
Fast Start-Up Time: 260µs Typical (1MHz)
n
Outputs Muted Until Stable
n
Operates from a Single 2.7V to 5.5V Supply
n
Available in Low Profile (1mm) ThinSOT and DFN
(2mm × 3mm) Packages
n
AEC-Q100 Qualified for Automotive Applications
2.25MHz, 2.5V/8A Step-Down Regulator
CBYP
44.2k
OUT1
OUT2
fOUT = 10MHz • 10k/RSET
MOD
V+
GND
SET
690812 TA01a
SVIN TRACK
LTC3418
RT
CIN
100 F
0.2 H
LTC6908-1
RUN/SS
ITH
PGOOD
SW
PGND
SGND
SYNC/MODE VFB
PVIN
820pF
1000pF
0.1 F
COUT
100 F
×2
VOUT
2.5V
8A
4.32k
2k
41.2k
2.2M
VIN
2.8V TO 5.5V
4.99k
150kHz to 30MHz Output
Frequency Spectrum
(9kHz Res BW)
All registered trademarks and trademarks are the property of their respective owners.
TYPICAL APPLICATION
FEATURES
DESCRIPTION
APPLICATIONS
Document Feedback


Similar Part No. - LTC6903

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6903 LINER-LTC6903 Datasheet
195Kb / 12P
1kHz - 68MHz Serial Port Programmable Oscillator
LTC6903 LINER-LTC6903 Datasheet
470Kb / 28P
isoSPI Isolated Communications Interface Very Low EMI Susceptibility and Emissions
LTC6903 LINER-LTC6903 Datasheet
245Kb / 14P
1kHz to 68MHz Serial Port Programmable Oscillator
logo
Analog Devices
LTC6903 AD-LTC6903 Datasheet
643Kb / 14P
Micropower, 10kHz to 1MHz Resistor Set Oscillator in SOT-23
Rev. D
logo
Linear Technology
LTC6903CMS8 LINER-LTC6903CMS8 Datasheet
195Kb / 12P
1kHz - 68MHz Serial Port Programmable Oscillator
More results

Similar Description - LTC6903

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1799 LINER-LT1799 Datasheet
120Kb / 4P
1kHz to 30MHz Resistor Set SOT-23 Oscillator
LTC6902 LINER-LTC6902 Datasheet
212Kb / 16P
Multiphase Oscillator with Spread Spectrum Frequency Modulation
LTC6905 LINER-LTC6905 Datasheet
119Kb / 8P
17MHz to 170MHz Resistor Set SOT-23 Oscillator
LTC6908-1 LINER-LTC6908-1 Datasheet
247Kb / 16P
Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
LTC6909 LINER-LTC6909 Datasheet
282Kb / 20P
1 to 8 Output, Multiphase Silicon Oscillator with Spread Spectrum Modulation
LTC1799 LINER-LTC1799_15 Datasheet
242Kb / 14P
1kHz to 33MHz Resistor Set SOT-23 Oscillator
LTC6905 LINER-LTC6905_15 Datasheet
176Kb / 12P
17MHz to 170MHz Resistor Set SOT-23 Oscillator
LTC6908-1 LINER-LTC6908-1_15 Datasheet
253Kb / 16P
Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
LTC6908-2 LINER-LTC6908-2_15 Datasheet
253Kb / 16P
Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
LTC6902 LINER-LTC6902_15 Datasheet
213Kb / 16P
Multiphase Oscillator with Spread Spectrum Frequency Modulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com