Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPT-DINAV63LS1AX Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # CPT-DINAV63LS1AX
Description  Energy Management Compact Power Transducer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CPT-DINAV63LS1AX Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button CPT-DINAV63LS1AX Datasheet HTML 5Page - List of Unclassifed Manufacturers CPT-DINAV63LS1AX Datasheet HTML 6Page - List of Unclassifed Manufacturers CPT-DINAV63LS1AX Datasheet HTML 7Page - List of Unclassifed Manufacturers CPT-DINAV63LS1AX Datasheet HTML 8Page - List of Unclassifed Manufacturers CPT-DINAV63LS1AX Datasheet HTML 9Page - List of Unclassifed Manufacturers CPT-DINAV63LS1AX Datasheet HTML 10Page - List of Unclassifed Manufacturers CPT-DINAV63LS1AX Datasheet HTML 11Page - List of Unclassifed Manufacturers CPT-DINAV63LS1AX Datasheet HTML 12Page - List of Unclassifed Manufacturers CPT-DINAV63LS1AX Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Specifications are subject to change without notice
CPT-DINADS110706
13
CPT-DIN
1
2
3
4
5
6
23
24
(L1)
25
26
(L2)
27
28
(L3)
A1
A2
8
(L1)
7
9
(N) (L2)
(L3)
CPT-DIN
PowerTransducer
Diagnostics
PowerON
11
10 12
I
V
dvanced
A
Dimensions
45mm
98.5mm
1. Front panel
2. Power ON LED
3. Diagnostics LED
4. Configuration bus (RJ12 connector)
5. Connections screw terminals
1
2
3
4
5
6
23
24
(L1)
25
26
(L2)
27
28
(L3)
A1
A2
8
(L1)
7
9
(N) (L2)
(L3)
CPT-DIN
PowerTransducer
Diagnostics
PowerON
11
10 12
I
V
dvanced
A
Front Panel Description
3
1
2
4
5
Outputs connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com