Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPT-DINAV53LS2AX Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CPT-DINAV53LS2AX
Description  Energy Management Compact Power Transducer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CPT-DINAV53LS2AX Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CPT-DINAV53LS2AX Datasheet HTML 1Page - List of Unclassifed Manufacturers CPT-DINAV53LS2AX Datasheet HTML 2Page - List of Unclassifed Manufacturers CPT-DINAV53LS2AX Datasheet HTML 3Page - List of Unclassifed Manufacturers CPT-DINAV53LS2AX Datasheet HTML 4Page - List of Unclassifed Manufacturers CPT-DINAV53LS2AX Datasheet HTML 5Page - List of Unclassifed Manufacturers CPT-DINAV53LS2AX Datasheet HTML 6Page - List of Unclassifed Manufacturers CPT-DINAV53LS2AX Datasheet HTML 7Page - List of Unclassifed Manufacturers CPT-DINAV53LS2AX Datasheet HTML 8Page - List of Unclassifed Manufacturers CPT-DINAV53LS2AX Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Specifications are subject to change without notice
CPT-DINADS110706
1
• Class 1 (kWh), Class 2 (kvarh)
• Accuracy ±0.5 F.S. (current/voltage)
• Compact power transducer
• Instantaneous variables data format: 4 DGT
• Energies data format: 8+1 DGT
• System variables and phase measurements: V
LL, VLN, A,
Amax, An, Admd, Admd max, VA, VAdmd, VAdmd max, W, Wdmd,
Wdmd max, WL1-WL2-WL3 max, var, PF, PFL1-PFL2-PFL3 min,
Hz, ASY
• Four quadrant power measurement
• Energy measurements: total and partial kWh and kvarh
(according to EN62053-21 and EN62053-23)
• Hour counter (5+2 DGT)
• TRMS meas. of distorted sine waves (voltages/currents)
• Universal power supply: 90 to 260 VAC/DC, 18 to 60 VAC/DC
• Dimensions: 45x83.5x98.5mm
• Voltage asymmetry, phase sequence, phase loss control
• Up to 3 analogue outputs (20mA or 10VDC)
• 2 digital outputs
Product Description
3-phase
compact
power
transducer. Particularly rec-
ommended for the measure-
ment of the main electrical
variables also on board of
machines.
Housing for DIN-rail mount-
ing, with up to 3 analogue
outputs, or RS485 communi-
cation port or alarm outputs
or “Dupline” bus. Parameters
programmable by means of
CptASoft.
Energy Management
Compact Power Transducer
Type CPT-DIN “Advanced version”
Model
Range code
System
Power supply
Outputs
Option
How to order
CPT-DIN AV5 3 H A3 AX
Type Selection
Power supply
L:
18 to 60 VAC/VDC
H:
90 to 260 VAC/VDC
Range codes
AV5:
400/690VL-L/1/5(6)AAC
VL-N: 185 V to 460 V
VL-L: 320 V to 800 V
AV6:
120/208VL-L/1/5(6)AAC
VL-N: 45 V to 145 V
VL-L: 78 V to 250 V
Phase current: 0.01A to 6A
Neutral current: 0.05A to 6A
Options
AX:
advanced functions
System
3 :
1-2-3-phase,
balanced/
unbalanced load,
with or without
neutral
1 :
1-3-phase,
balanced load (*)
(*) Note: the 3-phase bal-
anced
load
measurement
requires the connection of
the neutral according to fig.
15 and 16 in the final part of
this document.
Rated inputs
System type: 3
Current
3 (internal current transformers)
Voltage
4
System type: 1
Current
1 (internal CT)
Voltage
2
Accuracy (RS485)
Imax: 6A, Vmax: 400VLN (690VLL),
(@25°C ±5°C, R.H.
≤60%)
In: 5A, Vn: 230VLN (400VLL)
CT: 1, VT (PT): 1
Range accuracy: 0.02In to 0.05In
Current
±(0.5%FS) or ±(1%RDG+2DGT)
Neutral current
±(2%RDG+3DGT)
Phase-phase voltage
±(0.5%RDG+2DGT)
Phase-neutral voltage
±(0.5%RDG+2DGT)
Active and Apparent power,
±(1.5%RDG+3DGT)
Reactive power
±(3%RDG+3DGT)
Range accuracy: 0.05In to Imax
Current
±(0.5%RDG+2DGT)
Neutral current
±(1%RDG+3DGT)
Phase-phase voltage
±(0.5%RDG+2DGT)
Phase-neutral voltage
±(0.5%RDG+2DGT)
Active and Apparent power,
±(1%RDG+3DGT)
Input specifications
Outputs
R2:
2-relay outputs
O2:
2-open collector outputs
RS:
1-reed relay output +
RS485 port (2-wire)
A1:
1-analogue output:
0/4 to 20mA DC
A3:
3-analogue outputs:
0/4 to 20mA DC
V1:
1-analogue output:
0 to 10V DC
V3:
3-analogue outputs:
0 to 10V DC
S1:
RS485/RS422 port
S2:
RS232 port
DB:
Dupline bus
• One digital output and RS485 communication port (2
wires only)
• 16 freely configurable alarms with OR/AND logic linkable
to up to 2 digital outputs
• RS422/485/RS232 communication port (MODBUS-
RTU), iFIX SCADA compatibility
How to order
CptASoft: software to program the working parameters of
the transducer and to read the energies and the instanta-
neous variables. The kit includes the communication cable.
CptASoft-kit


Similar Part No. - CPT-DINAV53LS2AX

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
CPT-00053 MOLEX11-CPT-00053 Datasheet
195Kb / 1P
PowerCat C6A Consolidation Point/ MUTO Enclosure
logo
CUI INC
CPT-1117-83-SMT-TR CUI-CPT-1117-83-SMT-TR Datasheet
431Kb / 5P
PIEZO BUZZER TRANSDUCER
03/15/2021
logo
CUI Devices
CPT-1117-83-SMT-TR CUID-CPT-1117-83-SMT-TR Datasheet
403Kb / 5P
PIEZO BUZZER TRANSDUCER
08/05/2022
logo
CUI INC
CPT-1203-78-SMT-TR CUI-CPT-1203-78-SMT-TR Datasheet
379Kb / 5P
PIEZO BUZZER TRANSDUCER
CPT-1203-78-SMT-TR CUI-CPT-1203-78-SMT-TR Datasheet
402Kb / 5P
PIEZO BUZZER TRANSDUCER
01/03/2020
More results

Similar Description - CPT-DINAV53LS2AX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPT-90 ETC2-SPT-90 Datasheet
223Kb / 10P
Energy Management Modular Smart Power Transducer
WM2-96 ETC2-WM2-96 Datasheet
201Kb / 9P
Energy Management Modular Power Analyzers
WM23-96AV53H ETC2-WM23-96AV53H Datasheet
458Kb / 10P
Energy Management Modular Power Quality Analyzer
EM10DIN ETC2-EM10DIN Datasheet
134Kb / 4P
Energy Management Energy Meter
EM11DIN ETC2-EM11DIN Datasheet
207Kb / 6P
Energy Management Energy Analyzer
logo
Carlo Gavazzi Holding A...
ET340 CARLOGAVAZZI-ET340 Datasheet
278Kb / 8P
Energy Management Energy Transducer Type ET340
EM340 CARLOGAVAZZI-EM340 Datasheet
619Kb / 10P
Energy Management Energy Meter Type EM340
EM111 CARLOGAVAZZI-EM111 Datasheet
437Kb / 12P
Energy Management Energy Analyzer Type EM111
EM110 CARLOGAVAZZI-EM110 Datasheet
341Kb / 6P
Energy Management Energy Meter Type EM110
WM30 CARLOGAVAZZI-WM30 Datasheet
1Mb / 20P
Energy Management Smart Modular Power Analyzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com